Electronic Components Datasheet Search
  English  ▼

X  

M66291HP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M66291HP
Description  ASSP (USB2.0 Device Controller)
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66291HP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M66291HP Datasheet HTML 17Page - Renesas Technology Corp M66291HP Datasheet HTML 18Page - Renesas Technology Corp M66291HP Datasheet HTML 19Page - Renesas Technology Corp M66291HP Datasheet HTML 20Page - Renesas Technology Corp M66291HP Datasheet HTML 21Page - Renesas Technology Corp M66291HP Datasheet HTML 22Page - Renesas Technology Corp M66291HP Datasheet HTML 23Page - Renesas Technology Corp M66291HP Datasheet HTML 24Page - Renesas Technology Corp M66291HP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 126 page
background image
M66291GP/HP
Rev 1.01 2004.11.01 page 21 of 122
Interrupt factor 1
("H" active)
Negate period
(Approx.667ns)
Factor 1 occur
<Edge sense>
Factor 1 clear
Factor 2 occur
Factor 2 clear
Interrupt factor 2
("H" active)
Interrupt pin
("L" active)
Interrupt factor 1
("H" active)
Factor 1 occur
<Leve sense>
Factor 1 clear
Factor 2 occur
Factor 2 clear
Interrupt factor 2
("H" active)
Interrupt pin
("L" active)
Figure 2.5 Interrupt Signal Output Timing
(11) INTA (Interrupt Polarity) Bit (b0)
This bit sets the interrupt signal output polarity.
When this bit is set to “0”, the occurrence of interrupt is notified when;
In case of edge sense (INTL bit = “0”) : Change from “H” to “L”
In case of level sense (INTL bit = “1”) : “L” level
When this bit is set to “1”, the occurrence of interrupt is notified when;
In case of edge sense (INTL bit = “0”) : Change from “L” to “H”
In case of level sense (INTL bit = “1”) : “H” level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com