Electronic Components Datasheet Search
  English  ▼

X  

PSD913F1-12UI Datasheet(PDF) 91 Page - STMicroelectronics

Part # PSD913F1-12UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F1-12UI Datasheet(HTML) 91 Page - STMicroelectronics

Back Button PSD913F1-12UI Datasheet HTML 86Page - STMicroelectronics PSD913F1-12UI Datasheet HTML 87Page - STMicroelectronics PSD913F1-12UI Datasheet HTML 88Page - STMicroelectronics PSD913F1-12UI Datasheet HTML 89Page - STMicroelectronics PSD913F1-12UI Datasheet HTML 90Page - STMicroelectronics PSD913F1-12UI Datasheet HTML 91Page - STMicroelectronics PSD913F1-12UI Datasheet HTML 92Page - STMicroelectronics PSD913F1-12UI Datasheet HTML 93Page - STMicroelectronics PSD913F1-12UI Datasheet HTML 94Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 91 / 94 page
background image
Preliminary Information
PSD9XX Family
87
Legend:
PSDV = Zero Power version available at 2.7 V to 5.5 V VCC.
Part #
MCU
PLDs/Decoders
I/O
Memory
PSD
PSD
Data Path PLD Inputs
Ports
Main Flash Boot Flash
SRAM
@
@
Input Macrocells
5 V
3 V
Output Macrocells
PLD Outputs
Page Reg.
PSD913F1
PSD913F1V
9
57
19
8-Bit
27
1024Kb
16Kb
PSD913F2
PSD913F2V
9
57
19
8-Bit
27
1024Kb
256Kb
16Kb
PSD934F2
PSD934F2V
9
57
19
8-Bit
27
2048Kb
256Kb
64Kb
PSD954F2
PSD954F2V
9
57
19
8-Bit
27
2048Kb
256Kb
256Kb
Selector Guide – PSD9XXF Family
Selector Guide
Part Number
Construction
I/O COUNT & OTHER
NVM SIZE
SRAM SIZE
FAMILY/SERIES
PSD BRAND NAME
PSD = Standard Low
Power Device
8 = Flash PSD for 8-bit MCUs
9 = Flash PSD for 8-bit MCUs with
Combinatorial PLD
0 = 0Kb
1 = 16Kb
2 = 32Kb
3 = 64Kb
4 = 128Kb
5 = 256Kb
1 = 256Kb
2 = 512Kb
3 = 1Mb
4 = 2Mb
REVISION
"Blank" = no rev.
- A = Rev. A
SPEED
- 90 = 90ns
- 15 = 150ns
- 20 = 200ns
PACKAGE TYPE
J = PLCC
U = TQFP (not available on some)
M = PQFP
TEMP RANGE
"Blank" = 0
°C to +70°C (Commercial)
I = – 40
°C to +85°C (Industrial)
2ND NVM TYPE, SIZE
& CONFIGURATION
1 = EEPROM, 256Kb
2 = FLASH, 256Kb
3 = No 2nd Array
Vcc VOLTAGE
"blank" = 5 Volt
V = 3.0 Volt
F = 27 I/O
Flash PSD Part Number Construction
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
CHARACTER # 1
2
3
4
5
6
7
8
9
10 11 12 13 14
15 16 17 18 19
PART
NUMBER
PS
D
8
1
3
F
2
A
1
5
J
––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com