Electronic Components Datasheet Search
  English  ▼

X  

PSD913F1-12UI Datasheet(PDF) 48 Page - STMicroelectronics

Part # PSD913F1-12UI
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F1-12UI Datasheet(HTML) 48 Page - STMicroelectronics

Back Button PSD913F1-12UI Datasheet HTML 44Page - STMicroelectronics PSD913F1-12UI Datasheet HTML 45Page - STMicroelectronics PSD913F1-12UI Datasheet HTML 46Page - STMicroelectronics PSD913F1-12UI Datasheet HTML 47Page - STMicroelectronics PSD913F1-12UI Datasheet HTML 48Page - STMicroelectronics PSD913F1-12UI Datasheet HTML 49Page - STMicroelectronics PSD913F1-12UI Datasheet HTML 50Page - STMicroelectronics PSD913F1-12UI Datasheet HTML 51Page - STMicroelectronics PSD913F1-12UI Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 94 page
background image
PSD9XX Family
Preliminary Information
44
The
PSD9XX
Functional
Blocks
(cont.)
9.4.2 Port Operating Modes
The I/O Ports have several modes of operation. Some modes can be defined in
PSDsoft, some by the microcontroller writing to the Control Registers in CSIOP space, and
some by both. The modes that can only be defined using PSDsoft must be
programmed into the device and cannot be changed unless the device is reprogrammed.
The modes that can be changed by the microcontroller can be done so dynamically
at run-time. The PLD I/O, Data Port, and Address Input, are the only modes that must
be defined before programming the device. All other modes can be changed by the
microcontroller at run-time.
Table 20 summarizes which modes are available on each port. Table 23 shows how and
where the different modes are configured. Each of the port operating modes are described
in the following subsections.
Port Mode
Port A
Port B
Port C
Port D
MCU I/O
Yes
Yes
Yes
Yes
PLD Outputs
Yes
Yes
No
Yes
PLD Inputs
Yes
Yes
Yes
Yes
Address Out
Yes (A7 – 0)
Yes (A7 – 0)
No
No
or A15 – 8)
Address In
Yes
Yes
Yes
Yes
Data Port
Yes (D7 – 0)
No
No
No
JTAG ISP
No
No
Yes
No
Table 20. Port Operating Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com