Electronic Components Datasheet Search
  English  ▼

X  

M62352GP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M62352GP
Description  8-bit 12ch D/A Converter with Buffer Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62352GP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M62352GP Datasheet HTML 2Page - Renesas Technology Corp M62352GP Datasheet HTML 3Page - Renesas Technology Corp M62352GP Datasheet HTML 4Page - Renesas Technology Corp M62352GP Datasheet HTML 5Page - Renesas Technology Corp M62352GP Datasheet HTML 6Page - Renesas Technology Corp M62352GP Datasheet HTML 7Page - Renesas Technology Corp M62352GP Datasheet HTML 8Page - Renesas Technology Corp M62352GP Datasheet HTML 9Page - Renesas Technology Corp M62352GP Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
M62352P/FP/GP
REJ03D0868-0300 Rev.3.00 Mar 25, 2008
Page 8 of 9
Package Dimensions
2.028
1.528
4.5
A1
b3
15°
e
1.778
c
L
3.0
0.51
0.9
1.0
1.3
A
E
6.15
6.3
6.45
D
18.8
19.0
19.2
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.22
0.27
0.34
P-SDIP20-6.3x19-1.78
1.0g
MASS[Typ.]
20P4B
PRDP0020BA-A
RENESAS Code
JEITA Package Code
Previous Code
bp
0.38
0.48
0.58
e1
7.62
7.32
7.92
A2
3.3
0°
*3
*2
SEATING PLANE
20
11
10
1
bp
b3
e
D
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
2.
1. DIMENSIONS "*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
1.42
1.12
bp
A1
HE
y
0.1
e
1.27
c
0°
8°
L
0.4
0.6
0.8
0
0.1
0.2
A
2.1
7.5
7.8
8.1
A2
1.8
E
5.2
5.3
5.4
D
12.5
12.6
12.7
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.35
0.4
0.5
0.18
0.2
0.25
P-SOP20-5.3x12.6-1.27
0.3g
MASS[Typ.]
20P2N-A
PRSP0020DA-A
RENESAS Code
JEITA Package Code
Previous Code
Detail F
A2
A1
y
Index mark
*2
*3
1
10
11
20
F
e
bp
c
D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com