Electronic Components Datasheet Search
  English  ▼

X  

M62352GP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62352GP
Description  8-bit 12ch D/A Converter with Buffer Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62352GP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62352GP Datasheet HTML 1Page - Renesas Technology Corp M62352GP Datasheet HTML 2Page - Renesas Technology Corp M62352GP Datasheet HTML 3Page - Renesas Technology Corp M62352GP Datasheet HTML 4Page - Renesas Technology Corp M62352GP Datasheet HTML 5Page - Renesas Technology Corp M62352GP Datasheet HTML 6Page - Renesas Technology Corp M62352GP Datasheet HTML 7Page - Renesas Technology Corp M62352GP Datasheet HTML 8Page - Renesas Technology Corp M62352GP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REJ03D0868-0300 Rev.3.00 Mar 25, 2008
Page 1 of 9
M62352P/FP/GP
8-bit 12ch D/A Converter with Buffer Amplifiers
REJ03D0868-0300
Rev.3.00
Mar 25, 2008
Description
The M62352 is an integrated circuit semiconductor of CMOS structure with 12 channels of built-in D/A converters with
output buffer operational amplifiers.
The 3-wire serial interface method is used for the transfer format of digital data to allow connection with
microcomputer with minimum wiring.
It is able to cascading serial use with DO terminal.
The output buffer operational amplifier operates in the whole voltage range from power supply to ground for both
input/output.
Features
• 12-bit serial data input (3-wire serial data transfer method)
• Highly stable output buffer operational amplifier allow operation in the all voltage range from power supply to
ground.
Application
Adjustment/control of industrial or home-use electronic equipment, such as VTR camera, VTR set, TV, and CRT
display.
Block Diagram
D0 1 2 3 4 5 6 D7 D8 9 10 D11
D/A
D/A
D/A
LL
L
Ch2
1
12
11
D/A
D/A
D/A
D/A
D/A
D/A
D/A
Ch3
L
L
L
L
L
L
L
456
7
8
9
10
(12)
(12)
(12)
GND
AO2
AO1
DI
CLK
LD
DO
AO12
AO11
VCC
VSS
(VrefL)
Buffer
OP AMP
AO3
AO4
AO5
AO6
AO7
AO8
AO9
AO10
VDD
(VrefU)
(8)
....
........
8-bit R-2R
+ segment
D/A converter
8-bit R-2R
+ segment
D/A converter
8-bit
latch
8-bit
latch
12-bit shift register
Address
decoder
12
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11


Similar Part No. - M62352GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352GP MITSUBISHI-M62352GP Datasheet
55Kb / 6P
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results

Similar Description - M62352GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62366GP MITSUBISHI-M62366GP Datasheet
50Kb / 5P
3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62352AGP RENESAS-M62352AGP Datasheet
136Kb / 9P
8-bit 12ch D/A Converter with Buffer Amplifiers
M62358P RENESAS-M62358P Datasheet
2Mb / 7P
8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
R2A20169NP RENESAS-R2A20169NP Datasheet
394Kb / 10P
8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP_13 Datasheet
299Kb / 10P
8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
8-bit 12ch D/A Converter with Buffer Amplifiers
M62352P RENESAS-M62352P_15 Datasheet
296Kb / 10P
8-bit 12ch D/A Converter with Buffer Amplifiers
M62392P RENESAS-M62392P_15 Datasheet
124Kb / 9P
8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com