Electronic Components Datasheet Search
  English  ▼

X  

HD151TS201ATEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD151TS201ATEL
Description  Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS201ATEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD151TS201ATEL Datasheet HTML 1Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 2Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 3Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 4Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 5Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 6Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 7Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 8Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
HD151TS201AT
Rev.1.00, Oct.21.2003, page 4 of 28
Block Diagram
CPU PLL
Control
Logic
1/n1
OSC
XTAL
14.318 MHz
SSC Modulator
REF(14.318 MHz)
CPUCLK[0:2]
PCI[0:6]
Note: Latched Input / Multi Function pin.
3.3 V VDD48
GNDA
GND48 3.3V VDDA
7
×3.3V VDD 6×GND GNDIREF
IREF
3V66_1/VCH
3V66_0
PCIF[0:2]
USB48
*S0, 1, 2
SCLK
SDATA
CPUSTOP#
*MULT0
PWRDWN#
PCISTOP#
VTT_PWRGD#
1/n2
1/m2
1/m1
Divider
Divide
3V66[2:4]/66OUT[0:2]
(66MHz)
66IN/3V66_5
(IN/OUT)
DOT48
Divider
48 MHz USB PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com