Electronic Components Datasheet Search
  English  ▼

X  

HD151TS201ATEL Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # HD151TS201ATEL
Description  Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS201ATEL Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button HD151TS201ATEL Datasheet HTML 21Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 22Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 23Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 24Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 25Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 26Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 27Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 28Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 29Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
HD151TS201AT
Rev.1.00, Oct.21.2003, page 26 of 28
DC Electrical Characteristics / REF Clock (CK408 Type5 Buffer)
Ta = 0°C to 85°C, VDD = 3.3 V
Item
Symbol
Min
Typ *1
Max
Unit
Test Conditions
VOH
3.1

VIOH = –1 mA, VDD = 3.3 V
Output Voltage
VOL

50
mV
IOL = 1 mA, VDD = 3.3 V
IOH

–33
mA
VOH = 1.0 V
Output Current
IOL
30

mA
VOL = 1.95 V
Note:
1. For conditions shown as Min or Max, use the appropriate value specified under recommended
operating conditions.
AC Electrical Characteristics / REF Clock
Ta = 0°C to 85°C, VDD = 3.3 V, CL = 30 pF
Item
Symbol
Min
Typ
Max
Unit
Test Conditions Notes
Cycle to cycle jitter
tCCS
|1000|
ps
Fig1
*
1
Clock Period
69.8413
ns
Slew Rate
1.0
4.0
V/ns
Clock Duty Cycle
45
50
55
%
Note:
1. Difference of cycle time between two adjoining cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com