Electronic Components Datasheet Search
  English  ▼

X  

HD404019RFS Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HD404019RFS
Description  CMOS 4-bit single-chip microcomputers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404019RFS Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HD404019RFS Datasheet HTML 19Page - Renesas Technology Corp HD404019RFS Datasheet HTML 20Page - Renesas Technology Corp HD404019RFS Datasheet HTML 21Page - Renesas Technology Corp HD404019RFS Datasheet HTML 22Page - Renesas Technology Corp HD404019RFS Datasheet HTML 23Page - Renesas Technology Corp HD404019RFS Datasheet HTML 24Page - Renesas Technology Corp HD404019RFS Datasheet HTML 25Page - Renesas Technology Corp HD404019RFS Datasheet HTML 26Page - Renesas Technology Corp HD404019RFS Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
HD404019R Series
21
Serial Interrupt Request Flag (IFS: $003, Bit 0): The serial interrupt request flag will be set when the
octal counter counts eight transmit clock
signals, or when data transfer is discontinued by resetting the
octal counter. Refer to table 8.
Table 8
Serial Interrupt Request Flag
IFS
Interrupt Request
0No
1
Yes
Serial Interrupt Mask (IMS: $003, Bit 1): The serial interrupt mask masks the interrupt request. Refer to
table 9.
Table 9
Serial Interrupt Mask
IMS
Interrupt Request
0
Enabled
1
Disabled (masked)
Selection and Change of the Operation Mode: Table 10 shows the serial interface operation modes
which are determined by a combination of the value in the port mode register and in the serial mode
register.
Initialize the serial interface by a write signal to the serial mode register when the operation mode has
changed.
Table 10
Serial Interface Operation Mode
SMR3
PMR1
PMR0
Serial Interface Operating Mode
1
0
0
Clock continuous output mode
1
Transmit mode
1
0
Receive mode
1
Transmit/receive mode
Operating State of Serial Interface: The serial interface has three operating states: the STS waiting state,
transmit clock wait state, and transfer state, as shown in figure 11.
The STS waiting state is the initialization state of the serial interface. The serial interface enters this state in
one of two ways: either by the operation mode changing through a change in the data in the port mode
register, or by data being written into the serial mode register. In this state, the serial interface does not
operate even if the transmit clock is applied. If the STS instruction is executed, the serial interface shifts to
the transmit clock wait state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com