Electronic Components Datasheet Search
  English  ▼

X  

HD404019RFS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD404019RFS
Description  CMOS 4-bit single-chip microcomputers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404019RFS Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD404019RFS Datasheet HTML 1Page - Renesas Technology Corp HD404019RFS Datasheet HTML 2Page - Renesas Technology Corp HD404019RFS Datasheet HTML 3Page - Renesas Technology Corp HD404019RFS Datasheet HTML 4Page - Renesas Technology Corp HD404019RFS Datasheet HTML 5Page - Renesas Technology Corp HD404019RFS Datasheet HTML 6Page - Renesas Technology Corp HD404019RFS Datasheet HTML 7Page - Renesas Technology Corp HD404019RFS Datasheet HTML 8Page - Renesas Technology Corp HD404019RFS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
HD404019R Series
Rev. 6.0
Sept. 1998
Description
The HD404019R series are HMCS400-series CMOS 4-bit single-chip microcomputers. Each device
incorporates a ROM, RAM, I/O, serial interface, and two timer/counters, and contains high-voltage I/O
pins including high-current output pins to directly drive fluorescent displays.
The HD404019R series includes four chips. The HD404019R and HD40L4019R are Mask ROM versions.
The HD4074019 and HD407L4019 are PROM versions. The HD40L4019R and HD407L4019 are low-
voltage operation versions.
Features
• 16,384-word × 10-bit ROM
 Mask ROM: HD404019R, HD40L4019R
 PROM: HD4074019, HD407L4019
• 992-digit × 4-bit RAM
• 58 I/O pins, including 26 high-voltage I/O pins (40 V max.)
• Two timer/counters
 8-bit free-running timer
 8-bit auto-reload timer/counter
• Clock synchronous 8-bit serial interface
• Five interrupt sources
 Two by external sources
 Two by timer/counters
 One by serial interface
• Subroutine stack, up to 16 levels including interrupts
• Minimum instruction execution time: 0.89 µs
• Low-power dissipation modes
 Standby: Stops instruction execution while allowing clock oscillation and interrupt functions to
operate
 Stop: Stops instruction execution and clock oscillation while retaining RAM data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com