Electronic Components Datasheet Search
  English  ▼

X  

HAF1008 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAF1008
Description  Silicon P Channel MOS FET Series Power Switching
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF1008 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAF1008 Datasheet HTML 1Page - Renesas Technology Corp HAF1008 Datasheet HTML 2Page - Renesas Technology Corp HAF1008 Datasheet HTML 3Page - Renesas Technology Corp HAF1008 Datasheet HTML 4Page - Renesas Technology Corp HAF1008 Datasheet HTML 5Page - Renesas Technology Corp HAF1008 Datasheet HTML 6Page - Renesas Technology Corp HAF1008 Datasheet HTML 7Page - Renesas Technology Corp HAF1008 Datasheet HTML 8Page - Renesas Technology Corp HAF1008 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HAF1008(L), HAF1008(S)
Rev.1.00, May.13.2003, page 4 of 11
Main Characteristics
-500
-100
-200
-20
-50
-10
-2
-5
-1
-0.5
-0.3
-0.5
-1
-2
-5
-10 -20
-50 -100
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
-50
-40
-30
-20
-10
0
-2
-4
-6
-8
-10
-10 V
V
= -3.5 V
GS
Drain to Source Voltage VDS (V)
Typical Output Characteristics
0
-1-2-3
-4
-5
Tc = -25
°C
25
°C
75
°C
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
100
µs
1 ms
PW
=
10
ms
DC
Operation
(Tc
=
25
°C)
Ta = 25
°C
-20
-16
-12
-8
-4
-8 V
-6 V
-5 V
-4 V
Pulse Test
V
= -10 V
DS
Pulse Test
80
60
40
20
0
50
100
150
200
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
Thermal shut down
operation area
Operation
in this area
is limited by RDS(on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com