Electronic Components Datasheet Search
  English  ▼

X  

HAF1008 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HAF1008
Description  Silicon P Channel MOS FET Series Power Switching
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF1008 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HAF1008 Datasheet HTML 1Page - Renesas Technology Corp HAF1008 Datasheet HTML 2Page - Renesas Technology Corp HAF1008 Datasheet HTML 3Page - Renesas Technology Corp HAF1008 Datasheet HTML 4Page - Renesas Technology Corp HAF1008 Datasheet HTML 5Page - Renesas Technology Corp HAF1008 Datasheet HTML 6Page - Renesas Technology Corp HAF1008 Datasheet HTML 7Page - Renesas Technology Corp HAF1008 Datasheet HTML 8Page - Renesas Technology Corp HAF1008 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev.1.00, May.13.2003, page 1 of 11
HAF1008(L), HAF1008(S)
Silicon P Channel MOS FET Series Power Switching
REJ03G0027-0100Z
Rev.1.00
May.13.2003
Description
This FET has the over temperature shut–down capability sensing to the junction temperature. This FET has
the built–in over temperature shut–down circuit in the gate area. And this circuit operation to shut–down
the gate voltage in case of high junction temperature like applying over power consumption, over current
etc.
Features
• Logic level operation (-4 to -6 V Gate drive)
• High endurance capability against to the short circuit
• Built–in the over temperature shut–down circuit
• Latch type shut–down operation (Need 0 voltage recovery)
Outline
D
S
G
Gate resistor
Tempe-
rature
Sencing
Circuit
Latch
Circuit
Gate
Shut-
down
Circuit
1. Gate
2. Drain
(Flange)
3. Source
1
2
3
1
2
3
LDPAK


Similar Part No. - HAF1008

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF1008 RENESAS-HAF1008_15 Datasheet
140Kb / 13P
Silicon P Channel MOS FET Series Power Switching
More results

Similar Description - HAF1008

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF1009 RENESAS-HAF1009 Datasheet
113Kb / 10P
Silicon P Channel MOS FET Series Power Switching
HAF1010RJ RENESAS-HAF1010RJ Datasheet
147Kb / 7P
Silicon P Channel MOS FET Series Power Switching
HAF1001 RENESAS-HAF1001 Datasheet
88Kb / 8P
Silicon P Channel MOS FET Series Power Switching
RJE0616JSP RENESAS-RJE0616JSP Datasheet
99Kb / 8P
Silicon P Channel MOS FET Series Power Switching
RJE0607JSP RENESAS-RJE0607JSP_15 Datasheet
101Kb / 8P
Silicon P Channel MOS FET Series Power Switching
RJE0603JPE RENESAS-RJE0603JPE_15 Datasheet
88Kb / 7P
Silicon P Channel MOS FET Series Power Switching
RJE0601JPE RENESAS-RJE0601JPE_15 Datasheet
91Kb / 7P
Silicon P Channel MOS FET Series Power Switching
RJE0609JPD RENESAS-RJE0609JPD_15 Datasheet
90Kb / 7P
Silicon P Channel MOS FET Series Power Switching
HAF1004 RENESAS-HAF1004_15 Datasheet
138Kb / 12P
Silicon P Channel MOS FET Series Power Switching
HAF1008 RENESAS-HAF1008_15 Datasheet
140Kb / 13P
Silicon P Channel MOS FET Series Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com