Electronic Components Datasheet Search
  English  ▼

X  

2SD755 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SD755
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD755 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SD755 Datasheet HTML 1Page - Renesas Technology Corp 2SD755 Datasheet HTML 2Page - Renesas Technology Corp 2SD755 Datasheet HTML 3Page - Renesas Technology Corp 2SD755 Datasheet HTML 4Page - Renesas Technology Corp 2SD755 Datasheet HTML 5Page - Renesas Technology Corp 2SD755 Datasheet HTML 6Page - Renesas Technology Corp 2SD755 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SD755, 2SD756, 2SD756A
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
2SD755
2SD756
2SD756A
Unit
Collector to base voltage
V
CBO
100
120
140
V
Collector to emitter voltage
V
CEO
100
120
140
V
Emitter to base voltage
V
EBO
55
5V
Collector current
I
C
50
50
50
mA
Collector power dissipation
P
C
750
750
750
mW
Junction temperature
Tj
150
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
2SD755
2SD756
2SD756A
Item
Symbol Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to emitter
breakdown voltage
V
(BR)CEO
100
—
—
120
—
—
140
—
—
V
I
C = 1 mA,
R
BE = ∞
Collector to base
breakdown voltage
V
(BR)CBO
100
—
—
120
—
—
140
—
—
V
I
C = 10 µA, IE = 0
Collector cutoff current
I
CBO
—
—
0.5
—
—
0.5
—
—
0.5
µAV
CB = 100 V, IE = 0
DC current transfer ratio h
FE1*
1
250
—
1200 250
—
800
250
—
500
V
CE = 12 V,
I
C = 2 mA
h
FE2
125
—
—
125
—
—
125
—
—
V
CE = 12 V,
I
C = 10 mA
Base to emitter voltage
V
BE
—
—
0.75
—
0.75
—
—
0.75
V
V
CE = 12 V,
I
C = 2 mA
Collector to emitter
saturation voltage
V
CE(sat)
—
—
0.2
—
—
0.2
—
—
0.2
V
I
C = 10 mA,
I
B = 1 mA
Gain bandwidth product f
T
—
350
—
—
350
—
—
350
—
MHz V
CE = 12 V,
I
C = 5 mA
Collector output
capacitance
Cob
—
1.6
—
—
1.6
—
—
1.6
—
pF
V
CB = 25 V, IE = 0,
f = 1 MHz
Note:
1. The 2SD755, 2SD756 and 2SD756A are grouped by h
FE1 as follows.
DE
F
2SD755
250 to 500
400 to 800
600 to 1200
2SD756
250 to 500
400 to 800
—
2SD756A
250 to 500
—
—



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com