Electronic Components Datasheet Search
  English  ▼

X  

2SD755 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SD755
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD755 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SD755 Datasheet HTML 1Page - Renesas Technology Corp 2SD755 Datasheet HTML 2Page - Renesas Technology Corp 2SD755 Datasheet HTML 3Page - Renesas Technology Corp 2SD755 Datasheet HTML 4Page - Renesas Technology Corp 2SD755 Datasheet HTML 5Page - Renesas Technology Corp 2SD755 Datasheet HTML 6Page - Renesas Technology Corp 2SD755 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SD755, 2SD756, 2SD756A
3
0
50
100
150
Ambient Temperature Ta (
°C)
Maximum Collector Dissipation Curve
750
500
250
Typical Output Characteristics
10
8
8
6
2
4
6
4
2
0
1020304050
Collector to Emitter Voltage VCE (V)
IB = 0
10
µA
Typical Transfer Characteristics
Base to Emitter Voltage VBE (V)
0.01
0.03
0.1
0.3
1.0
3
10
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VCE = 12 V
Ta = 100
°C75 50 25
–25
0
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
0.01
0.03
0.1
0.3
1.0
3
10
30
0
200
400
600
800
1,000
1,200
VCE = 12 V
Ta = 100
°C
75
50
25
–25
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com