Electronic Components Datasheet Search
  English  ▼

X  

3825 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 3825
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3825 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 3825 Datasheet HTML 45Page - Renesas Technology Corp 3825 Datasheet HTML 46Page - Renesas Technology Corp 3825 Datasheet HTML 47Page - Renesas Technology Corp 3825 Datasheet HTML 48Page - Renesas Technology Corp 3825 Datasheet HTML 49Page - Renesas Technology Corp 3825 Datasheet HTML 50Page - Renesas Technology Corp 3825 Datasheet HTML 51Page - Renesas Technology Corp 3825 Datasheet HTML 52Page - Renesas Technology Corp 3825 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3825 Group
48
Table 16. Recommended operating conditions (Standard, One time PROM version)
(VCC = 2.5 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
–20
–20
20
20
40
–10
–10
10
10
20
–0.5
–5.0
5.0
–0.1
–2.5
2.5
5.0
Note 1: The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an aver-
age value measured over 100 ms. The total peak current is the peak value of all the currents.
2: The peak output current is the peak current flowing in each port.
3: The average output current is an average value measured over 100 ms.
4: When the oscillation frequency has a duty cycle of 50%.
5: When using the microcomputer in low-speed mode, make sure that the sub-clock input oscillation frequency on condition that
f(XCIN) < f(XIN)/3.
“H” total peak output current
P00–P07, P10–P17, P20–P27, P30–P37 (Note 1)
“H” total peak output current
P40–P47,P50–P57, P60–P67, P71–P77, P80, P81
(Note 1)
“L” total peak output current
P00–P07, P10–P17, P20–P27, P30–P37 (Note 1)
“L” total peak output current
P40–P47,P50–P57, P60–P67, P80, P81 (Note 1)
“L” total peak output current
P71–P77 (Note 1)
“H” total average output current P00–P07,P10–P17, P20–P27, P30–P37 (Note 1)
“H” total average output current P40–P47, P50–P57, P60–P67, P71–P77, P80, P81
(Note 1)
“L” total average output current P00–P07, P10–P17, P20–P27, P30–P37 (Note 1)
“L” total average output current P40–P47, P50–P57, P60–P67, P80, P81 (Note 1)
“L” total average output current P71–P77 (Note 1)
“H” peak output current
P00–P07, P10–P15, P30–P37 (Note 2)
“H” peak output current
P16, P17, P20–P27, P40–P47, P50–P57, P60–P67,
P71–P77, P80, P81 (Note 2)
“L” peak output current
P00–P07, P10–P15, P30–P37 (Note 2)
“L” peak output current
P16, P17, P20–P27, P40–P47, P50–P57, P60–P67,
P70–P77, P80, P81 (Note 2)
“H” average output current
P00–P07, P10–P15, P30–P37 (Note 3)
“H” average output current
P16, P17, P20–P27, P40–P47, P50–P57, P60–P67,
P71–P77, P80, P81 (Note 3)
“L” average output current
P00–P07, P10–P15, P30–P37 (Note 3)
“L” average output current
P16, P17, P20–P27, P40–P47, P50–P57, P60–P67,
P71–P77, P80, P81 (Note 3)
Input frequency for timers X and Y
(duty cycle 50%)
Main clock input oscillation frequency
(Note 4)
Sub-clock input oscillation frequency (Note 4, 5)
ΣIOH(peak)
ΣIOH(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOH(avg)
ΣIOL(avg)
ΣIOL(avg)
ΣIOL(avg)
IOH(peak)
IOH(peak)
IOL(peak)
IOL(peak)
IOH(avg)
IOH(avg)
IOL(avg)
IOL(avg)
f(CNTR0)
f(CNTR1)
f(XIN)
f(XCIN)
Symbol
Parameter
Limits
Min.
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
MHz
MHz
MHz
MHz
MHz
kHz
Unit
Typ.
Max.
(4.0 V
≤ VCC ≤ 5.5 V)
(VCC
≤ 4.0 V)
High-speed mode
(4.0 V
≤ VCC ≤ 5.5 V)
High-speed mode
(VCC
≤ 4.0 V)
Middle-speed mode
4.0
(2✕VCC)
–4
8.0
(4✕VCC)
–8
8.0
50
32.768
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com