Electronic Components Datasheet Search
  English  ▼

X  

3825 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 3825
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3825 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 3825 Datasheet HTML 60Page - Renesas Technology Corp 3825 Datasheet HTML 61Page - Renesas Technology Corp 3825 Datasheet HTML 62Page - Renesas Technology Corp 3825 Datasheet HTML 63Page - Renesas Technology Corp 3825 Datasheet HTML 64Page - Renesas Technology Corp 3825 Datasheet HTML 65Page - Renesas Technology Corp 3825 Datasheet HTML 66Page - Renesas Technology Corp 3825 Datasheet HTML 67Page - Renesas Technology Corp 3825 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 71 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3825 Group
63
mA
mA
µA
µA
µA
µA
µA
V
µA
13
3.2
36
14
22
9.0
1.0
10
2.3
6.0
50
• High-speed mode, VCC = 5 V
f(XIN) = 8 MHz
f(XCIN) = 32.768 kHz
Output transistors “off”
A-D converter in operating
• High-speed mode, VCC = 5 V
f(XIN) = 8 MHz (in WIT state)
f(XCIN) = 32.768 kHz
Output transistors “off”
A-D converter in operating
• Low-speed mode, VCC = 5 V, Ta
≤ 55°C
f(XIN) = stopped
f(XCIN) = 32.768 kHz
Output transistors “off”
• Low-speed mode, VCC = 5 V, Ta = 25°C
f(XIN) = stopped
f(XCIN) = 32.768 kHz (in WIT state)
Output transistors “off”
• Low-speed mode, VCC = 3 V, Ta
≤ 55°C
f(XIN) = stopped
f(XCIN) = 32.768 kHz
Output transistors “off”
• Low-speed mode, VCC = 3 V, Ta
= 25°C
f(XIN) = stopped
f(XCIN) = 32.768 kHz (in WIT state)
Output transistors “off”
All oscillation stopped
(in STP state)
Output transistors “off”
Symbol
Parameter
Limits
Min.
Unit
Typ.
Max.
Ta = 25°C
Ta = 85°C
Test conditions
ICC
Power source current
6.4
1.6
25
7.0
15
4.5
0.1
1.8
3.0
10
VRAM
RAM retention voltage
At clock stop mode
2.0
5.5
V
When using voltage multiplier
VL1 = 1.8 V
VL1 < 1.3 V
VL1
IL1
Power source voltage
Power source current (VL1)
(Note)
1.3
Note : When the voltage multiplier control bit of the LCD mode register (bit 4 at address 003916) is “1”.
Table 39. A-D converter characteristics (M version)
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –20 to 85°C, 4 MHz
≤ f(XIN) ≤ 8 MHz, in middle-/high-speed mode, unless otherwise noted.)
Table 38. Electrical characteristics (M version)
(VCC = 2.2 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted.)
Symbol
Parameter
Limits
Min.
Unit
Typ.
Max.
Test conditions
–
–
tCONV
RLADDER
IVREF
IIA
Resolution
Absolute accuracy (excluding quantization error)
Conversion time
Ladder resistor
Reference input current
Analog iinput current
VCC = VREF = 5 V
12
50
Bits
LSB
µs
k
Ω
µA
µA
f(XIN) = 8 MHz
VREF = 5 V
12.5
(Note)
35
150
8
±2
100
200
5.0
Note : When an internal trigger is used in middle-speed mode, it is 14
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com