Electronic Components Datasheet Search
  English  ▼

X  

M37151M8 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M37151M8
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M8 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M37151M8 Datasheet HTML 35Page - Renesas Technology Corp M37151M8 Datasheet HTML 36Page - Renesas Technology Corp M37151M8 Datasheet HTML 37Page - Renesas Technology Corp M37151M8 Datasheet HTML 38Page - Renesas Technology Corp M37151M8 Datasheet HTML 39Page - Renesas Technology Corp M37151M8 Datasheet HTML 40Page - Renesas Technology Corp M37151M8 Datasheet HTML 41Page - Renesas Technology Corp M37151M8 Datasheet HTML 42Page - Renesas Technology Corp M37151M8 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 39 of 136
REJ03B0129-0100Z
8.6.10 Example of Master Transmission
An example of master transmission in the standard clock mode, at
the SCL frequency of 100 kHz with the ACK return mode enabled, is
shown below.
➀ Set a slave address in the high-order 7 bits of the I2C address
register (address 00F716) and “0” in the RBW bit.
➁ Set the ACK return mode and SCL = 100 kHz by setting “8516” in
the I2C clock control register (address 00FA16).
➂ Set “1016” in the I2C status register (address 00F816) and hold the
SCL at HIGH.
➃ Set a communication enable status by setting “4816” in the I2C
control register (address 00F916).
➄ Set the address data of the destination of transmission in the high-
order 7 bits of the I2C data shift register (address 00F616) and set
“0” in the least significant bit.
➅ Set “F016” in the I2C status register (address 00F816) to generate
a START condition. At this time, an SCL for 1 byte and an ACK
clock automatically occurs.
➆ Set transmit data in the I2C data shift register (address 00F616). At
this time, an SCL and an ACK clock automatically occurs.
➇ When transmitting control data of more than 1 byte, repeat step ➆.
➈ Set “D016” in the I2C status register (address 00F816). After this, if
ACK is not returned or transmission ends, a STOP condition will
be generated.
8.6.11 Example of Slave Reception
An example of slave reception in the high-speed clock mode, at the
SCL frequency of 400 kHz, with the ACK Non-return mode enabled
while using the addressing format, is shown below.
➀ Set a slave address in the high-order 7 bits of the I2C address
register (address 00F716) and “0” in the RBW bit.
➁ Set the ACK non-return mode and SCL = 400 kHz by setting “2516”
in the I2C clock control register (address 00FA16).
➂ Set “1016” in the I2C status register (address 00F816) and hold the
SCL at HIGH.
➃ Set a communication enable status by setting “4816” in the I2C
control register (address 00F916).
➄ When a START condition is received, an address comparison is
executed.
➅ •When all transmitted address are“0” (general call):
AD0 of the I2C status register (address 00F816) is set to “1” and
an interrupt request signal occurs.
•When the transmitted addresses match the address set in ➀:
ASS of the I2C status register (address 00F816) is set to “1” and
an interrupt request signal occurs.
•In the cases other than the above:
AD0 and AAS of the I2C status register (address 00F816) are set
to “0” and no interrupt request signal occurs.
➆ Set dummy data in the I2C data shift register (address 00F616).
➇ When receiving control data of more than 1 byte, repeat step ➆.
➈ When a STOP condition is detected, the communication ends.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com