Electronic Components Datasheet Search
  English  ▼

X  

M37151M8 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M37151M8
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151M8 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M37151M8 Datasheet HTML 45Page - Renesas Technology Corp M37151M8 Datasheet HTML 46Page - Renesas Technology Corp M37151M8 Datasheet HTML 47Page - Renesas Technology Corp M37151M8 Datasheet HTML 48Page - Renesas Technology Corp M37151M8 Datasheet HTML 49Page - Renesas Technology Corp M37151M8 Datasheet HTML 50Page - Renesas Technology Corp M37151M8 Datasheet HTML 51Page - Renesas Technology Corp M37151M8 Datasheet HTML 52Page - Renesas Technology Corp M37151M8 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 49 of 136
REJ03B0129-0100Z
8.10 DATA SLICER
This microcomputer includes the data slicer function for the closed
caption decoder (referred to as the CCD). This function takes out the
caption data superimposed in the vertical blanking interval of a com-
posite video signal. A composite video signal, which makes the sync
chip’s polarity negative, is input to the CVIN pin.
When the data slicer function is not used, the data slicer circuit and
the timing signal generating circuit can be cut off by setting bit 0 of
data slicer control register 1 (address 00E016) to “0.” These settings
support low-power dissipation.
Fig. 8.10.1 Data Slicer Block Diagram
Composite
video
signal
1 M
Ω
Sync pulse counter
register
(address 00E916)
Data slicer control register 2
(address 00E116)
Data slicer control register 1
(address 00E016)
Clock run-in defect register
(address 00E416)
Caption position register
(address 00E616)
Data clock position register
(address 00E516)
Interrupt request
generating circuit
Data slicer
interrupt
request
Synchronizing
signal counter
Synchronizing
separation
circuit
Sync slice
circuit
Clamping
circuit
Low-pass
filter
Timing signal
generating
circuit
Clock run-in
determination
circuit
Data slice line
specification
circuit
Start bit detecting
circuit
Data clock
generating circuit
16-bit shift register
Caption data register 1
(address 00E216)
Caption data register 2
(address 00E316)
Data bus
Comparator
0.1
µF
470
Ω
560 pF
CVIN
1
µF
1 k
Ω
200 pF
HSYNC
HLF
+
–
Reference
voltage
generating
circuit
VHOLD
1000 pF
high-order
low-order
Data slicer ON/OFF
Caption data register 4
(address 00CF16)
Caption data register 3
(address 00CE16)
External circuit
Note : Make the length of wiring which is
connected to VHOLD, HLF, and CVIN pin as
short as possible so that a leakage current
may not be generated when mounting a
resistor or a capacitor on each pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com