Electronic Components Datasheet Search
  English  ▼

X  

7471 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 7471
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7471 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 7471 Datasheet HTML 11Page - Renesas Technology Corp 7471 Datasheet HTML 12Page - Renesas Technology Corp 7471 Datasheet HTML 13Page - Renesas Technology Corp 7471 Datasheet HTML 14Page - Renesas Technology Corp 7471 Datasheet HTML 15Page - Renesas Technology Corp 7471 Datasheet HTML 16Page - Renesas Technology Corp 7471 Datasheet HTML 17Page - Renesas Technology Corp 7471 Datasheet HTML 18Page - Renesas Technology Corp 7471 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
14
7470/7471 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
(2) Event count mode
Timer operates in the same way as in the timer mode except that
it counts input from the CNTR0 or CNTR1 pin.
(3) Pulse output mode
In this mode, duty 50% pulses are output from the T0 or T1 pin.
When the timer overflows, the polarity of the T0 or T1 pin output
level is inverted.
(4) Pulse width measuring mode
The 7470/7471 group can measure the “H” or “L” width of the
CNTR0 or CNTR1 input waveform by using the pulse width mea-
suring mode of timer 4. The pulse width measuring mode is
selected by writing “1” to bit 6 in the timer 34 mode register. In the
pulse width measuring mode, the timer counts the count source
while the CNTR0 or CNTR1 input is “H” or “L”. Whether the CNTR0
input or CNTR1 input to be measured can be specified by the sta-
tus of bit 4 in the edge polarity selection register; whether the “H”
width or “L” width to be measured can be specified by the status of
bit 2 (CNTR0) and bit 3 (CNTR1) in the edge polarity selection reg-
ister.
(5) PWM mode
The PWM mode can be entered for timer 3 and timer 4 by setting
bit 7 in the timer mode register 2 to “1”. In the PWM mode, the P13
pin is set for timer output T1 to output PWM waveforms by setting
bit 7 in the timer 34 mode register to “1”. The direction register of
P13 must be set for the output mode before this can be done.
In the PWM mode, timer 3 is counting and timer 4 is idle while the
PWM waveform is “L”. When timer 3 overflows, the PWM waveform
goes “H”. At this time, timer 3 stops counting simultaneously and
timer 4 starts counting. When timer 4 overflows, the PWM wave-
form goes “L”, and timer 4 stops and timer 3 starts counting again.
Consequently, the “L” duration of the PWM waveform is deter-
mined by the value of timer 3; the “H” duration of the PWM
waveform is determined by the value of timer 4.
When a value is written to the timer in operation during the PWM
mode, the value is only written to the timer latch, and not written to
the timer. In this case, if the timer overflows, a value one less the
value in the timer latch is written to the timer. When any value is
written to an idle timer, the value is written to both the timer latch
and the timer.
In this mode, do not select timer 3 overflow as the count source for
timer 4.
INPUT LATCH FUNCTION
The 7470/7471 group can latch the P30/INT0, P31/INT1, P32/
CNTR0, and P33/CNTR1 pin level into the input latch register (ad-
dress 00D616) when timer 4 overflows. The polarity of each pin
latched to the input latch register can be selected by using the
edge polarity selection register. When bit 0 in the edge polarity se-
lection register is “0”, the inverted value of the P30/INT0 pin level is
latched; when the bit is “1”, the P30/INT0 pin level is latched as it
is. When bit 1 in the edge polarity selection register is “0”, the in-
verted value of the P31/INT1 pin level is latched; when the bit is
“1”, the P31/INT1 pin level is latched as it is. When bit 2 in the edge
polarity selection register is “0”, the inverted value of the P32/
CNTR0 pin level is latched; when the bit is “1”, the P32/CNTR0 pin
level is latched as it is. When bit 3 in the edge polarity selection
register is “0”, the inverted value of the P33/CNTR1 pin level is
latched; when the bit is “1”, the P33/CNTR1 pin level is latched as
it is.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com