Electronic Components Datasheet Search
  English  ▼

X  

7471 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 7471
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7471 Datasheet(HTML) 2 Page - Renesas Technology Corp

  7471 Datasheet HTML 1Page - Renesas Technology Corp 7471 Datasheet HTML 2Page - Renesas Technology Corp 7471 Datasheet HTML 3Page - Renesas Technology Corp 7471 Datasheet HTML 4Page - Renesas Technology Corp 7471 Datasheet HTML 5Page - Renesas Technology Corp 7471 Datasheet HTML 6Page - Renesas Technology Corp 7471 Datasheet HTML 7Page - Renesas Technology Corp 7471 Datasheet HTML 8Page - Renesas Technology Corp 7471 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
P07
P06
P05
P04
P03
P02
P01
P00
P41
P40
P33/CNTR1
P32/CNTR0
P31/INT1
P30/INT0
RESET
VCC
P16/CLK
P15/SOUT
P14/SIN
P13/
P11
P10
P23/IN3
P22/IN2
P21/IN1
P20/IN0
VREF
XIN
XOUT
VSS
P17/SRDY
Outline 32P4B
T1
P12/T0
DESCRIPTION
The 7470/7471 group is a single-chip microcomputer designed
with CMOS silicon gate technology. It is housed in a 32-pin shrink
plastic molded DIP. The M37471M2-XXXSP/FP is a single-chip mi-
crocomputer designed with CMOS silicon gate technology. It is
housed in a 42-pin shrink plastic molded DIP or a 56-pin plastic
molded QFP.
These single-chip microcomputer are useful for business equip-
ment and other consumer applications.
In addition to its simple instruction set, the ROM, RAM, and I/O
addresses are placed on the same memory map to enable easy
programming .
The differences between the M37471M2-XXXSP and the
M37471M2-XXXFP are the package outline and the power dissi-
pation ability (absolute maximum ratings).
The differences among M37470M2-XXXSP, M37470M4-XXXSP,
M37470M8-XXXSP, M37471M2-XXXSP/FP, M37471M4-XXXSP/
FP and M37471M8-XXXSP/FP are noted below.
APPLICATION
Audio-visual equipment, VCR, Tuner,
Office automation equipment
7470/7471 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Type name
M37470M2-XXXSP
M37471M2-XXXSP/FP
M37470M4-XXXSP
M37471M4-XXXSP/FP
M37470M8-XXXSP
M37471M8-XXXSP/FP
I/O ports
26
36
26
36
26
36
ROM size
4096 bytes
8192 bytes
16384 bytes
RAM size
128 bytes
192 bytes
384 bytes
FEATURES
qBasic machine-language instructions ...................................... 71
qMemory size
ROM ..................................................... 4096 bytes (M37471M2)
RAM ........................................................ 128 bytes (M37471M2)
qThe minimum instruction execution time
....................................... 0.5
µs (at 8 MHz oscillation frequency)
qPower source voltage
.............. 2.7 to 4.5 V (at 2.2VCC–2.0 MHz oscillation frequency)
............................... 4.5 to 5.5 V (at 8 MHz oscillation frequency)
qPower dissipation in normal mode
................................... 35 mW (at 8.0 MHz oscillation frequency)
qSubroutine nesting ...... 64 levels max. (M37470M2, M37471M2)
qInterrupt ................................................... 12 sources, 10 vectors
q8-bit timers .................................................................................. 4
qProgrammable I/O ports
(Ports P0, P1, P2, P4) ......................................... 22(7470 group)
28(7471 group)
qInput port (Port P3) ............................................... 4(7470 group)
(Ports P3, P5) ....................................... 8(7471 group)
qSerial I/O (8-bit) .......................................................................... 1
qA-D converter ............................... 8-bit, 4channels (7470 group)
8-bit, 8channels (7471 group)
PIN CONFIGURATION (TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com