Electronic Components Datasheet Search
  English  ▼

X  

M37221EASP Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M37221EASP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37221EASP Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M37221EASP Datasheet HTML 45Page - Renesas Technology Corp M37221EASP Datasheet HTML 46Page - Renesas Technology Corp M37221EASP Datasheet HTML 47Page - Renesas Technology Corp M37221EASP Datasheet HTML 48Page - Renesas Technology Corp M37221EASP Datasheet HTML 49Page - Renesas Technology Corp M37221EASP Datasheet HTML 50Page - Renesas Technology Corp M37221EASP Datasheet HTML 51Page - Renesas Technology Corp M37221EASP Datasheet HTML 52Page - Renesas Technology Corp M37221EASP Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
M37221M4H/M6H/M8H/MAH–XXXSP/FP M37221EASP/FP
Rev.1.00
Oct 01, 2002
page 49 of 110
REJ03B0134-0100Z
8.8 A-D COMPARATOR
A-D comparator consists of a 6-bit D-A converter and a comparator.
The A-D comparator block diagram is shown in Figure 8.8.1.
The reference voltage “Vref” for D-A conversion is set by bits 0 to 5 of
the A-D control register 2 (address 00EF16).
The comparison result of the analog input voltage and the reference
voltage “Vref” is stored in bit 4 of the A-D control register 1 (address
00EE16).
For A-D comparison, set “0” to corresponding bits of the direction
register to use ports as analog input pins. Write the data to select
analog input pins for bits 0 to 2 of the A-D control register 1 and write
the digital value corresponding to Vref to be compared to bits 0
to 5 of the A-D control register 2. The voltage comparison is started
by writing to the A-D control register 2, and it is completed after 16
machine cycles (NOP instruction ✕ 8).
Fig. 8.8.1 A-D Comparator Block Diagram
A-D control register 1
Bits 0 to 2
Comparator control
Data bus
Bit 4
Switch tree
A-D control
register 2
Resistor ladder
Compa-
rator
Analog
signal
switch
Bit 5Bit 4Bit 3Bit 2
Bit 1
Bit 0
A-D control
register 1
A-D1
A-D2
A-D3
A-D4
A-D5
A-D6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com