Electronic Components Datasheet Search
  English  ▼

X  

M37221EASP Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # M37221EASP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37221EASP Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button M37221EASP Datasheet HTML 13Page - Renesas Technology Corp M37221EASP Datasheet HTML 14Page - Renesas Technology Corp M37221EASP Datasheet HTML 15Page - Renesas Technology Corp M37221EASP Datasheet HTML 16Page - Renesas Technology Corp M37221EASP Datasheet HTML 17Page - Renesas Technology Corp M37221EASP Datasheet HTML 18Page - Renesas Technology Corp M37221EASP Datasheet HTML 19Page - Renesas Technology Corp M37221EASP Datasheet HTML 20Page - Renesas Technology Corp M37221EASP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 112 page
background image
M37221M4H/M6H/M8H/MAH–XXXSP/FP M37221EASP/FP
Rev.1.00
Oct 01, 2002
page 17 of 110
REJ03B0134-0100Z
Fig. 8.2.5 Memory Map of 2 Page Register Area
b7
0 b7
0
21716
21816
21916
21B16
21A16
ROM correction enable register (RCR)
ROM correction address 1 (high-order)
ROM correction address 1 (low-order)
ROM correction address 2 (high-order)
ROM correction address 2 (low-order)
RCR1 RCR0
0016
0016
0016
0016
0
00016
■ 2 page register area (addresses 21716 to 21B16)
Address
Register
Bit allocationState immediately after reset
: Fix to this bit to “0”
(do not write to “1”)
:
Function bit
: No function bit
: Fix to this bit to “1”
(do not write to “0”)
Name
:
: “0” immediately after reset
: Indeterminate immediately
after reset
0
1
?
: “1” immediately after reset
1
0
Note: Only M37221M4H/M6H/ M8H/MAH-XXXSP/FP and M37221EASP/FP have 2 page register.
.
<Bit allocation>
State immediately after reset>
b
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com