Electronic Components Datasheet Search
  English  ▼

X  

2SC2979 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC2979
Description  Silicon NPN Triple Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2979 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC2979 Datasheet HTML 1Page - Renesas Technology Corp 2SC2979 Datasheet HTML 2Page - Renesas Technology Corp 2SC2979 Datasheet HTML 3Page - Renesas Technology Corp 2SC2979 Datasheet HTML 4Page - Renesas Technology Corp 2SC2979 Datasheet HTML 5Page - Renesas Technology Corp 2SC2979 Datasheet HTML 6Page - Renesas Technology Corp 2SC2979 Datasheet HTML 7Page - Renesas Technology Corp 2SC2979 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC2979
2
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to emitter sustain
voltage
V
CEO(sus)
800
V
I
C = 0.2 A, RBE = ∞, L = 100
mH
V
CEX(sus)
800
V
I
C = 3 A, IB1 = 0.9 A, IB2 = –0.6
A, V
BE = –5.0 V, L = 180 µH,
Clamped
Emitter to base breakdown
voltage
V
(BR)EBO
7—
VI
E = 10 mA, IC = 0
Collector cutoff current
I
CBO
100
µAV
CB = 750 V, IE = 0
I
CEO
100
µAV
CE = 650 V, RBE = ∞
DC current transfer ratio
h
FE1
15
V
CE = 5 V, IC = 0.3 A*
1
h
FE2
7—
V
CE = 5 V, IC = 1.5 A*
1
Collector to emitter saturation
voltage
V
CE(sat)
1.0
V
I
C = 0.75 A, IB = 0.15 A*
1
Base to emitter saturation
voltage
V
BE(sat)
1.5
V
Turn on time
t
on
1.0
µsI
C = 1.5 A, IB1 = 0.3 A,
Storage time
t
stg
3.0
µsI
B2 = –0.75 A, VCC ≅ 250 V
Fall time
t
f
1.0
µs
Note:
1. Pulse test
Maximum Collector Dissipation
Curve
60
40
20
0
50
100
150
Case temperature TC (°C)
10
3
1.0
0.03
0.01
0.003
0.3
0.1
0.001
1
3
30
300
10
100
1,000
Collector to emitter voltage VCE (V)
iC(peak)
ICmax(Continuous)
Area of Safe Operation
Ta = 25
°C, 1 Shot



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com