Electronic Components Datasheet Search
  English  ▼

X  

2SC2979 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC2979
Description  Silicon NPN Triple Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2979 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC2979 Datasheet HTML 1Page - Renesas Technology Corp 2SC2979 Datasheet HTML 2Page - Renesas Technology Corp 2SC2979 Datasheet HTML 3Page - Renesas Technology Corp 2SC2979 Datasheet HTML 4Page - Renesas Technology Corp 2SC2979 Datasheet HTML 5Page - Renesas Technology Corp 2SC2979 Datasheet HTML 6Page - Renesas Technology Corp 2SC2979 Datasheet HTML 7Page - Renesas Technology Corp 2SC2979 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC2979
4
Typical Output Characteristics
TC = 25°C
IB = 0
0.05 A
0.1
0.2
0.3
0.4
0.5
0.6
2.5
2.0
1.5
1.0
0.5
01
2
Collector to emitter voltage VCE (V)
5
4
3
TC = 25°C
VCE = 5 V
2.5
2.0
1.5
1.0
0.5
0
0.4
0.8
Base to emitter voltage VBE (V)
1.2
1.6
2.0
Typical Transfer Characteristics
100
30
10
3
1
0.3
0.03
3
1.0
Collector current IC (A)
0.1
0.01
10
DC Current Transfer Ratio vs.
Collector Current
TC = –25
°C
25°C
75°C
VCE = 5 V
10
3
1.0
0.3
0.1
0.03
0.01
0.01 0.03
0.1
0.3
1.0
3
10
Collector to Emitter Saturation
Voltage vs. Base Current
Base current IB (A)
IC = 0.75 A
1.5 A
3 A
TC = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com