Electronic Components Datasheet Search
  English  ▼

X  

STU13NB60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU13NB60
Description  N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU13NB60 Datasheet(HTML) 1 Page - STMicroelectronics

  STU13NB60 Datasheet HTML 1Page - STMicroelectronics STU13NB60 Datasheet HTML 2Page - STMicroelectronics STU13NB60 Datasheet HTML 3Page - STMicroelectronics STU13NB60 Datasheet HTML 4Page - STMicroelectronics STU13NB60 Datasheet HTML 5Page - STMicroelectronics STU13NB60 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STU13NB60
N-CHANNEL ENHANCEMENT MODE
PowerMESH
™ MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.4
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
s
± 30V GATE TO SOURCE VOLTAGE RATING
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process,
SGS-Thomson
has
designed
an
advanced
family
of
power
MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
VDS
Drain-source Volt age (VGS =0)
600
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
600
V
VGS
Gat e-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
o C12.6
A
ID
Drain Current (continuous) at Tc =100
oC7.9
A
IDM(
•)
Drain Current (pulsed)
50.4
A
Ptot
Tot al Dissipation at Tc =25
oC160
W
Derating F act or
1.28
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
4.5
V/ ns
Tstg
Storage T emperat ure
-65 to 150
oC
Tj
Max. O perating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
(1)ISD
≤13A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
October 1997
TYPE
VDSS
RDS(on)
ID
STU13NB60
600 V
< 0.45
Ω
12.6 A
1
2
3
Max220
1/6


Similar Part No. - STU13NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU13N60M2 STMICROELECTRONICS-STU13N60M2 Datasheet
1Mb / 18P
N-channel 600 V, 0.35 Ω typ., 11 A MDmesh II Plus™ low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
STU13N65M2 STMICROELECTRONICS-STU13N65M2 Datasheet
551Kb / 16P
N-channel 650 V, 0.37 Ω typ.,10 A MDmesh™ M2 Power MOSFETs in TO-220 and IPAK packages
December 2014 Rev 1
STU13NC50 STMICROELECTRONICS-STU13NC50 Datasheet
258Kb / 8P
N-CHANNEL 500V - 0.31ohm - 13A Max220 PowerMesh™ I MOSFET
Oct-2001
STU13NM60N STMICROELECTRONICS-STU13NM60N Datasheet
989Kb / 21P
N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
14-Nov-2012
logo
Inchange Semiconductor ...
STU13NM60N ISC-STU13NM60N Datasheet
314Kb / 2P
Isc N-Channel MOSFET Transistor
More results

Similar Description - STU13NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB11NB40 STMICROELECTRONICS-STB11NB40 Datasheet
102Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STB19NB20 STMICROELECTRONICS-STB19NB20 Datasheet
85Kb / 8P
N - CHANNEL ENHANCEMENT MODE PowerMESH] MOSFET
Jun-1998
STB7NB40 STMICROELECTRONICS-STB7NB40 Datasheet
61Kb / 6P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STD2NB60 STMICROELECTRONICS-STD2NB60 Datasheet
291Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STP10NB20 STMICROELECTRONICS-STP10NB20 Datasheet
122Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Nov-1997
STP12NB30 STMICROELECTRONICS-STP12NB30 Datasheet
56Kb / 6P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
STP5NB40 STMICROELECTRONICS-STP5NB40 Datasheet
71Kb / 7P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Oct-1997
STP7NB40 STMICROELECTRONICS-STP7NB40 Datasheet
73Kb / 4P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
STP7NB60 STMICROELECTRONICS-STP7NB60 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
STU36NB20 STMICROELECTRONICS-STU36NB20 Datasheet
57Kb / 6P
N-CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Jan-1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com