Electronic Components Datasheet Search
  English  ▼

X  

2SC5554 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5554
Description  Silicon NPN Epitaxial VHF / UHF wide band amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5554 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5554 Datasheet HTML 1Page - Renesas Technology Corp 2SC5554 Datasheet HTML 2Page - Renesas Technology Corp 2SC5554 Datasheet HTML 3Page - Renesas Technology Corp 2SC5554 Datasheet HTML 4Page - Renesas Technology Corp 2SC5554 Datasheet HTML 5Page - Renesas Technology Corp 2SC5554 Datasheet HTML 6Page - Renesas Technology Corp 2SC5554 Datasheet HTML 7Page - Renesas Technology Corp 2SC5554 Datasheet HTML 8Page - Renesas Technology Corp 2SC5554 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SC5554
3
160
120
80
40
0
50
100
150
200
10
0.1
1
10
12
5
10
20
50
100
0
2
4
6
8
10
100
200
0
1
20
100
Ambient Temperature Ta (
°C)
Maximum Collector Dissipation Curve
Collector to Base Voltage V
(V)
CB
Collector Output Capacitance vs.
Collector to Base Voltage
Collector Current I
(mA)
C
DC Current Transfer Ratio vs.
Collector Current
Collector Current I
(mA)
C
Gain Bandwidth Product vs.
Collector Current
25
50
V
= 1 V
CE
0.2
0.4
0.6
0.8
1.0
0
0.2
0.5
2
5
I
= 0
f = 1MHz
E
V
= 1 V
CE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com