Electronic Components Datasheet Search
  English  ▼

X  

2SC5554 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5554
Description  Silicon NPN Epitaxial VHF / UHF wide band amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5554 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5554 Datasheet HTML 2Page - Renesas Technology Corp 2SC5554 Datasheet HTML 3Page - Renesas Technology Corp 2SC5554 Datasheet HTML 4Page - Renesas Technology Corp 2SC5554 Datasheet HTML 5Page - Renesas Technology Corp 2SC5554 Datasheet HTML 6Page - Renesas Technology Corp 2SC5554 Datasheet HTML 7Page - Renesas Technology Corp 2SC5554 Datasheet HTML 8Page - Renesas Technology Corp 2SC5554 Datasheet HTML 9Page - Renesas Technology Corp 2SC5554 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC5554
6
Sparameter (V
CE = 1V, IC = 5mA, Zo = 50Ω)
S11
S21
S12
S22
f (MHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.715
–25.4
13.06
161.3
0.0279
76.6
0.947
–16.1
200
0.647
–50.1
11.47
144.2
0.0517
65.6
0.828
–30.2
300
0.559
–71.5
9.74
131.0
0.0681
58.4
0.697
–40.4
400
0.501
–88.2
8.28
121.3
0.0798
54.6
0.587
–47.0
500
0.453
–102.5
7.08
113.7
0.0882
52.4
0.501
–51.3
600
0.416
–114.8
6.16
108.1
0.0955
51.8
0.433
–54.3
700
0.393
–125.4
5.43
103.1
0.102
51.7
0.378
–56.2
800
0.378
–134.4
4.84
99.3
0.109
52.1
0.333
–57.3
900
0.369
–142.8
4.37
95.7
0.115
52.7
0.295
–58.0
1000
0.357
–149.5
3.99
92.5
0.122
53.5
0.266
–58.4
1100
0.361
–156.6
3.66
89.7
0.128
54.2
0.240
–58.6
1200
0.358
–162.2
3.38
87.2
0.135
55.1
0.217
–58.5
1300
0.358
–167.5
3.15
84.9
0.141
56.0
0.199
–58.0
1400
0.362
–172.5
2.96
82.7
0.148
56.9
0.180
–58.0
1500
0.362
–177.3
2.78
80.9
0.155
57.2
0.166
–57.2
1600
0.369
178.8
2.64
78.6
0.163
58.1
0.151
–56.9
1700
0.373
174.7
2.50
77.2
0.169
58.8
0.137
–56.6
1800
0.377
171.1
2.38
75.1
0.177
59.2
0.126
–56.4
1900
0.388
168.3
2.28
73.3
0.183
59.6
0.113
–56.2
2000
0.395
165.3
2.18
71.8
0.191
60.1
0.102
–55.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com