Electronic Components Datasheet Search
  English  ▼

X  

M37542RSS Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # M37542RSS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37542RSS Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button M37542RSS Datasheet HTML 70Page - Renesas Technology Corp M37542RSS Datasheet HTML 71Page - Renesas Technology Corp M37542RSS Datasheet HTML 72Page - Renesas Technology Corp M37542RSS Datasheet HTML 73Page - Renesas Technology Corp M37542RSS Datasheet HTML 74Page - Renesas Technology Corp M37542RSS Datasheet HTML 75Page - Renesas Technology Corp M37542RSS Datasheet HTML 76Page - Renesas Technology Corp M37542RSS Datasheet HTML 77Page - Renesas Technology Corp M37542RSS Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 122 page
background image
7542 Group
Rev.3.03
Jul 11, 2008
Page 74 of 117
REJ03B0006-0303
Fig. 97 Block diagram of built-in flash memory
● Boot Mode
The control program for CPU rewrite mode must be written into
the User ROM or Boot ROM area in parallel I/O mode beforehand.
(If the control program is written into the Boot ROM area, the stan-
dard serial I/O mode becomes unusable.)
See Figure 97 for details about the Boot ROM area.
Normal microcomputer mode is entered when the microcomputer
is reset with pulling CNVSS pin low. In this case, the CPU starts
operating using the control program in the User ROM area.
When the microcomputer is reset and the CNVSS pin high after
pulling the P37(RP) pin low, P32(CE) pin high, P06/SCLK pin low
and P05/TxD2 pin high, the CPU starts operating (start address of
program is stored into addresses FFFC16 and FFFD16) using the
control program in the Boot ROM area. This mode is called the
“Boot mode”. Also, User ROM area can be rewritten using the con-
trol program in the Boot ROM area.
● Block Address
Block addresses refer to the maximum address of each block.
These addresses are used in the block erase command.
Notes 1: The boot ROM area can be rewritten in a parallel I/O mode. (Access to except boot ROM area is disablrd.)
2: To specify a block, use the maximum address in the block.
3: The mask ROM version has the reserved ROM area. Note the difference of the area.
SFR area
SFR area
Internal RAM area
(1K bytes)
Internal flash memory
area (4K bytes) (Note 3)
Internal flash memory
area (32K bytes) (Note 3)
000016
004016
043F16
0FE016
RAM
800016
0FFF16
FFFF16
700016
User ROM area
700016
780016
800016
E00016
C00016
FFFF16
F00016
FFFF16
32K bytes ROM Product
Data block B :
2K bytes
Boot ROM area
4K bytes
Data block A :
2K bytes
block 2 : 16K bytes
block 1 : 8K bytes
block 0 : 8K bytes
SFR area
SFR area
Internal RAM area
(1K bytes)
Internal flash memory
area (4K bytes) (Note 3)
Internal flash memory
area (16K bytes) (Note 3)
000016
004016
043F16
0FE016
RAM
C00016
0FFF16
7FFF16
FFFF16
700016
SFR area
700016
780016
7FFF16
E00016
C00016
FFFF16
16K bytes ROM Product
Data block B :
2K bytes
Data block A :
2K bytes
block 1 : 8K bytes
block 0 : 8K bytes
● CPU Rewrite Mode
In CPU rewrite mode, the internal flash memory can be operated
on (read, program, or erase) under control of the Central Process-
ing Unit (CPU).
In CPU rewrite mode, only the User ROM area shown in Figure 97
can be rewritten; the Boot ROM area cannot be rewritten. Make
sure the program and block erase commands are issued for only
the User ROM area and each block area.
The control program for CPU rewrite mode can be stored in either
User ROM or Boot ROM area. In the CPU rewrite mode, because
the flash memory cannot be read from the CPU, the rewrite con-
trol program must be transferred to internal RAM area before it
can be executed.
• Outline Performance
CPU rewrite mode is usable in the single-chip or Boot mode. The
only User ROM area can be rewritten.
In CPU rewrite mode, the CPU erases, programs and reads the in-
ternal flash memory as instructed by software commands. This
rewrite control program must be transferred to internal RAM area
before it can be executed.
The MCU enters CPU rewrite mode by setting “1” to the CPU re-
write mode select bit (bit 1 of address 0FE016). Then, software
commands can be accepted.
Use software commands to control program and erase operations.
Whether a program or erase operation has terminated normally or
in error can be verified by reading the status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com