Electronic Components Datasheet Search
  English  ▼

X  

M37542RSS Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # M37542RSS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37542RSS Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button M37542RSS Datasheet HTML 24Page - Renesas Technology Corp M37542RSS Datasheet HTML 25Page - Renesas Technology Corp M37542RSS Datasheet HTML 26Page - Renesas Technology Corp M37542RSS Datasheet HTML 27Page - Renesas Technology Corp M37542RSS Datasheet HTML 28Page - Renesas Technology Corp M37542RSS Datasheet HTML 29Page - Renesas Technology Corp M37542RSS Datasheet HTML 30Page - Renesas Technology Corp M37542RSS Datasheet HTML 31Page - Renesas Technology Corp M37542RSS Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 122 page
background image
7542 Group
Rev.3.03
Jul 11, 2008
Page 28 of 117
REJ03B0006-0303
• Interrupt Request Generation, Acceptance, and Handling
Interrupts have the following three phases.
(i) Interrupt Request Generation
An interrupt request is generated by an interrupt source (ex-
ternal interrupt signal input, timer underflow, etc.) and the
corresponding request bit is set to “1”.
(ii) Interrupt Request Acceptance
Based on the interrupt acceptance timing in each instruction
cycle, the interrupt control circuit determines acceptance con-
ditions (interrupt request bit, interrupt enable bit, and interrupt
disable flag) and interrupt priority levels for accepting interrupt
requests. When two or more interrupt requests are generated
simultaneously, the highest priority interrupt is accepted. The
value of the interrupt request bit for an unaccepted interrupt
remains the same and acceptance is determined at the next
interrupt acceptance timing point.
(iii) Handling of Accepted Interrupt Request
The accepted interrupt request is processed.
Figure 25 shows the time up to execution in the interrupt process-
ing routine, and Figure 26 shows the interrupt sequence.
Figure 27 shows the timing of interrupt request generation, inter-
rupt request bit, and interrupt request acceptance.
• Interrupt Handling Execution
When interrupt handling is executed, the following operations are
performed automatically.
(1) Once the currently executing instruction is completed, an in-
terrupt request is accepted.
(2) The contents of the program counters and the processor sta-
tus register at this point are pushed onto the stack area in
order from 1 to 3.
1.High-order bits of program counter (PCH)
2.Low-order bits of program counter (PCL)
3.Processor status register (PS)
(3) Concurrently with the push operation, the jump address of the
corresponding interrupt (the start address of the interrupt pro-
cessing routine) is transferred from the interrupt vector to the
program counter.
(4) The interrupt request bit for the corresponding interrupt is set
to “0”. Also, the interrupt disable flag is set to “1” and multiple
interrupts are disabled.
(5) The interrupt routine is executed.
(6) When the RTI instruction is executed, the contents of the reg-
isters pushed onto the stack area are popped off in the order
from 3 to 1. Then, the routine that was before running interrupt
processing resumes.
As described above, it is necessary to set the stack pointer and
the jump address in the vector area corresponding to each inter-
rupt to execute the interrupt processing routine.
■ Notes on Interrupts
When setting the followings, the interrupt request bit may be set to
“1”.
•When switching external interrupt active edge
Related registers:
Interrupt edge selection register (address 003A16)
Timer X mode register (address 002B16)
Capture mode register (address 002016)
When not requiring the interrupt occurrence synchronized with
these setting, take the following sequence.
➀ Set the corresponding interrupt enable bit to “0” (disabled).
➁ Set the interrupt edge select bit (active edge switch bit, trigger
mode bit).
➂ Set the corresponding interrupt request bit to “0” after 1 or more
instructions have been executed.
➃ Set the corresponding interrupt enable bit to “1” (enabled).
Main routine
Interrupt handling
routine
Interrupt request
generated
Interrupt request
acceptance
Interrupt routine
starts
Interrupt sequence
7 cycles
0 to 16* cycles
7 to 23 cycles
* When executing DIV instruction
Stack push
Vector fetch
Fig. 25 Time up to execution in interrupt routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com