Electronic Components Datasheet Search
  English  ▼

X  

HD74HC149 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74HC149
Description  8-to-8-line Priority Encoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC149 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74HC149 Datasheet HTML 2Page - Renesas Technology Corp HD74HC149 Datasheet HTML 3Page - Renesas Technology Corp HD74HC149 Datasheet HTML 4Page - Renesas Technology Corp HD74HC149 Datasheet HTML 5Page - Renesas Technology Corp HD74HC149 Datasheet HTML 6Page - Renesas Technology Corp HD74HC149 Datasheet HTML 7Page - Renesas Technology Corp HD74HC149 Datasheet HTML 8Page - Renesas Technology Corp HD74HC149 Datasheet HTML 9Page - Renesas Technology Corp HD74HC149 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74HC149
5
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Propagation delay t
PLH
2.0
—
—
140 —
175
ns
0 - 7 to Y,
P
time
t
PHL
4.5
—
16
28
—
35
6.0
—
—
24
—
30
t
PLH
2.0
—
—
155 —
195
ns
E to Y, P
t
PHL
4.5
—
13
31
—
39
6.0
—
—
26
—
33
Output rise/fall
t
TLH
2.0
—
—
75
—
95
ns
time
t
THL
4.5
—
5
15
—
19
6.0
—
—
13
—
16
Input capacitance
Cin
—
—
5
10
—
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com