Electronic Components Datasheet Search
  English  ▼

X  

HD74HC149 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC149
Description  8-to-8-line Priority Encoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC149 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC149 Datasheet HTML 1Page - Renesas Technology Corp HD74HC149 Datasheet HTML 2Page - Renesas Technology Corp HD74HC149 Datasheet HTML 3Page - Renesas Technology Corp HD74HC149 Datasheet HTML 4Page - Renesas Technology Corp HD74HC149 Datasheet HTML 5Page - Renesas Technology Corp HD74HC149 Datasheet HTML 6Page - Renesas Technology Corp HD74HC149 Datasheet HTML 7Page - Renesas Technology Corp HD74HC149 Datasheet HTML 8Page - Renesas Technology Corp HD74HC149 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HD74HC149
8-to-8-line Priority Encoder
ADE-205-448 (Z)
1st. Edition
Sep. 2000
Description
The HD74HC149 is priority encoder which has 8 input lines (0 - 7) and 8 output lies (Y
0 - Y7).
It is the logical combination of a HD74HC148 8-3 line priority encoder driving a HD74HC138 3-8 line
decoder.
Only one request output can be low at a time. The output that is low is dependent on the highest priority
request that is low. The order of priority is 7 highest and 0 lowest.
When
E input is high, all outputs are high.
When a output (Y
0 - Y7) is low, P output is low and this indicates active condition.
Features
• High Speed Operation: t
pd (0 - 7 to Y) = 16 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com