Electronic Components Datasheet Search
  English  ▼

X  

ZB-21 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZB-21
Description  ZigBee OEM Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZB-21 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZB-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZB-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZB-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZB-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZB-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Amp’ed RF, Inc.
(phone) 408 213-9530
(fax) 408 213-9533
Hardware Specifications
Recommended Operating Conditions Current Consumption
General Conditions (VIN = 3.3V and 25°C)
Modes
Avg
Unit
Typical Power Consumption
Typical data transmit
45
mA
Power down
25
uA
Peak current
90
mA
Selected RF Characteristics
Parameters
Typical
Unit
Antenna load
50
ohm
Sensitivity level
-92
dBm
Tx output power
-1
dBm
Absolute Minimum and Maximum Ratings
Rating
Min Typical Max
Unit
Operating Temperature Range
-20
+25
+70
°C
Supply Voltage VIN
2.85
3.0
5.0
Volts
Signal Pin Voltage
-
2.7
-
Volts
RF Frequency
2405
-
2480
MHz
Storage temperature range
-55
-
+150
°C
Supply voltage, VIN
-0.3
-
+ 5.0
Volts
Signal Pin Voltage
-0.3
-
3.6
Volts
©2008 Amp’ed RF Inc
1722 Ringwood Ave, Suite 250, San Jose, CA 95131, USA
KC21 Datasheet 03/3/2008
www.ampedrf.com
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com