Electronic Components Datasheet Search
  English  ▼

X  

ZB-21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ZB-21
Description  ZigBee OEM Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZB-21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ZB-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZB-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZB-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZB-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZB-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2008 Amp’ed RF Inc
1722 Ringwood Ave, Suite 250, San Jose, CA 95131, USA
ZB21 Datasheet 07/21/2008
www.ampedrf.com
Page 1 of 5
Amp’ed RF, Inc.
(phone) 408 213-9530
(fax) 408 213-9533
ZB-21
ZigBee OEM Module
Features
•
Full ZigBee standard support
•
Complete RF ready module
•
Integrated chip antenna
•
OKI ARM7 microprocessor up to 33MHz
•
128K or 64K bytes of flash memory
•
16K bytes of SRAM memory
•
2K bytes of EEPROM memory
•
250K bps RF data rate
•
128-bit encryption security
•
Range up to 30m Indoor, 100m LOS
•
16550 UART
•
SPI interface
•
I2C interface
•
4 A/D inputs
•
12 general purpose I/O, 3 are 20mA capable
•
AT command set
•
Low power modes, <25uA
Additional Documentation
•
Quick Start Guide
•
zbSerial Reference Guide
•
HW Design Guide
15mm x 27mm
Description
One of the most capable ZigBee modules available, the ZB-21 ZibBee OEM
Module is designed for maximum flexibility. The ZB-21 module includes an
OKI ARM7TDMI processor and a full function ZigBee RF radio.
The AR ZB-21 is a surface mount PCB module that provides fully embedded,
ready to use ZigBee wireless technology. The ARM7 processor is available
for flexible custom development, which makes this a true wireless micro-
controller device.
Power consumption has been carefully optimized for battery powered
applications, <25uA in sleep state.
Custom firmware may be easily pre-loaded into these highly tuned and tested
modules so that they are ready to install without additional procedures.
Typical Wireless Applications
Cable replacement/Serial communications
Industrial diagnostics and control
Wireless POS transactions
Telemetry/Remote sensing and data capture
Medical device communications
Commercial/Home building automation
Energy metering and control


Similar Description - ZB-21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT-21 ETC2-BT-21 Datasheet
341Kb / 12P
Bluetooth OEM Module
logo
RF Monolithics, Inc
ZPM3570-E RFM-ZPM3570-E Datasheet
1Mb / 18P
ZigBee Pro Module
logo
List of Unclassifed Man...
PICASO-OGM ETC-PICASO-OGM Datasheet
2Mb / 22P
OEM Graphics Module
logo
Murata Manufacturing Co...
WIT910SDK MURATA-WIT910SDK Datasheet
145Kb / 1P
OEM Module Developer
logo
List of Unclassifed Man...
ZE-10 ETC2-ZE-10 Datasheet
357Kb / 2P
ZigBee OEM module, ProBee-ZE10
ZE-20S ETC2-ZE-20S Datasheet
359Kb / 2P
ZigBee OEM module ProBee-ZE20S
PROBEE-ZE10 ETC-PROBEE-ZE10 Datasheet
729Kb / 17P
Zigbe oem module
PROBEE-ZE20S ETC-PROBEE-ZE20S Datasheet
1Mb / 19P
ZigBee OEM module
ZE10-KR ETC-ZE10-KR Datasheet
419Kb / 2P
Zigbee oem module
ZE20S ETC-ZE20S Datasheet
509Kb / 2P
Zigbe oem module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com