Electronic Components Datasheet Search
  English  ▼

X  

HA12232FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA12232FP
Description  Audio Signal Pre-Amp. for Car Deck
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12232FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA12232FP Datasheet HTML 1Page - Renesas Technology Corp HA12232FP Datasheet HTML 2Page - Renesas Technology Corp HA12232FP Datasheet HTML 3Page - Renesas Technology Corp HA12232FP Datasheet HTML 4Page - Renesas Technology Corp HA12232FP Datasheet HTML 5Page - Renesas Technology Corp HA12232FP Datasheet HTML 6Page - Renesas Technology Corp HA12232FP Datasheet HTML 7Page - Renesas Technology Corp HA12232FP Datasheet HTML 8Page - Renesas Technology Corp HA12232FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HA12232FP
Rev.1.00 Jun 15, 2005 page 4 of 11
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Rating
Unit
Note
Supply voltage
VCC Max
16
V
Power dissipation
Pd
400
mW
Ta
≤ 85°C
Operating temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C, VCC = 9 V, Rg = 680 Ω)
Specification
Item
Symbol
Test Condition
Min
Typ
Max
Unit
Remark
Quiescent current
IQ
No signal
1.5
2.2
3.2
mA
Channel separation
CT RL
Fin = 1kHz, Vin = 6mVrms
50.0
60.0
dB
EQ gain
GV 1k
Fin = 1kHz, Vin = 0.6mVrms
37.0
40.0
43.0
dB
GV 10k
Fin = 10kHz, Vin = 0.6mVrms
33.0
36.0
39.0
dB
THD
THD
Fin = 1kHz, Vin = 2.4mVrms
0.1
0.5
%
EQ maximum output
VOM
Fin = 1kHz, THD = 1%
300
600
mVrms
*
1
Noise voltage level
converted in input
VN
Rg = 680
Ω, Din-Audio Filter
0.7
1.5
µVrms
Note:
1. VCC = 6.5 V
Functional Description
Power Supply Range
HA12232FP is designed to operate on single supply only.
Table 1
Supply Voltage Range
Product
Single Supply
HA12232FP
6.5 V to 15.0 V
Reference Voltage
HA12232FP provides the reference voltage of half the supply voltage that is the signal grounds. As the peculiarity of
this device, the capacitor for the ripple filter is very small about 1/100 compared with their usual value. The block
diagram is shown as figure 1.
−
+
1
8VCC
7
14
Figure 1 The Block Diagram of Reference Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com