Electronic Components Datasheet Search
  English  ▼

X  

HA12232FP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HA12232FP
Description  Audio Signal Pre-Amp. for Car Deck
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12232FP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HA12232FP Datasheet HTML 1Page - Renesas Technology Corp HA12232FP Datasheet HTML 2Page - Renesas Technology Corp HA12232FP Datasheet HTML 3Page - Renesas Technology Corp HA12232FP Datasheet HTML 4Page - Renesas Technology Corp HA12232FP Datasheet HTML 5Page - Renesas Technology Corp HA12232FP Datasheet HTML 6Page - Renesas Technology Corp HA12232FP Datasheet HTML 7Page - Renesas Technology Corp HA12232FP Datasheet HTML 8Page - Renesas Technology Corp HA12232FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HA12232FP
Rev.1.00 Jun 15, 2005 page 5 of 11
Input Block Diagram and Level Diagram
PB-EQ Amp. Gv = 40 dB, f = 1 kHz
0.6mVrms
(
−62.2dBs)
60mVrms
(
−22.2dBs)
PBIN
PB-EQ
Amp.
EQOUT
NFI
Vref
−
+
R2
330k
R3
12k
C1
0.01
µ
R1
180
Figure 2 Input Block Diagram
Cutoff Frequency, Gain of PB-EQ Amp.
GV
G0
G∞
Transfer Function
T = R2 [w2 c12 (R2 + R3) (R1 + R3) + 1] / R1 [w2 c12 (R2 + R3)2 + 1]
Cutoff Frequency
fc = {[
−b ± (b2 − 4a)1/2] / 2a} / 2π
a = 2c14 (R2 + R3)2 (R3 + R1)2
b = [3 (R2 + R3) (R3 + R1) − (R2 + R3)2 − (R3 + R1)2] c12
Changing the value of each element to one shown in figure 2,
will be as follows.
fc1 = 50 Hz, fc2 = 1300 Hz
PB-EQ Amp. Gain (f = 0,
∞)
f = 0
T0 = R2 / R1
G0 = 65.3 dB
f =
∞
T∞ = R2 (R3 + R1) / R1 (R2 + R3)
G∞ = 36.3 dB
fc1
fc2
f
+ j
⋅ R
2w c1
2 (R1 − R2) / R1 [w2 c12 (R2 + R3)2 + 1]
Figure 3 Cutoff Frequency of PB-EQ Amp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com