Electronic Components Datasheet Search
  English  ▼

X  

HA1630S02LP Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HA1630S02LP
Description  Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S02LP Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HA1630S02LP Datasheet HTML 16Page - Renesas Technology Corp HA1630S02LP Datasheet HTML 17Page - Renesas Technology Corp HA1630S02LP Datasheet HTML 18Page - Renesas Technology Corp HA1630S02LP Datasheet HTML 19Page - Renesas Technology Corp HA1630S02LP Datasheet HTML 20Page - Renesas Technology Corp HA1630S02LP Datasheet HTML 21Page - Renesas Technology Corp HA1630S02LP Datasheet HTML 22Page - Renesas Technology Corp HA1630S02LP Datasheet HTML 23Page - Renesas Technology Corp HA1630S02LP Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
HA1630S01/02/03 Series
Rev.1.00 Mar 10, 2006 page 23 of 23
Taping & Reel Specification
Package Code
Package
Ordering Unit
W
P
Ao
Ko
E
F
Maximum Storage No.
MPAK-5
MPAK-5
4
1.5
1.05
3,000 pcs/reel
W1
W2
11.4
9
3,000 pcs
8
CMPAK-5
11.4
9
8
Tape width
[Taping]
[Reel]
[Ordering Information]
8
3.3
3.3
1.75
3.5
CMPAK-5
4
1.1
1.05
3,000 pcs/reel
8
2.25
2.45
1.75
3.5
Bo
D1
Unit: mm
φ 1.5
4.0
2.0
A
P
0
1
D
K 0
Cover
tape
Tape withdraw direction
11.4
9.0
2.0
± 0.5
Mark Indication
1 A
: HA1630S01
1 B
: HA1630S02
1 C
: HA1630S03
1
B
= Contorol code
(
 or blank)
Marking
Index band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com