Electronic Components Datasheet Search
  English  ▼

X  

HA1630S02LP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA1630S02LP
Description  Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S02LP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA1630S02LP Datasheet HTML 1Page - Renesas Technology Corp HA1630S02LP Datasheet HTML 2Page - Renesas Technology Corp HA1630S02LP Datasheet HTML 3Page - Renesas Technology Corp HA1630S02LP Datasheet HTML 4Page - Renesas Technology Corp HA1630S02LP Datasheet HTML 5Page - Renesas Technology Corp HA1630S02LP Datasheet HTML 6Page - Renesas Technology Corp HA1630S02LP Datasheet HTML 7Page - Renesas Technology Corp HA1630S02LP Datasheet HTML 8Page - Renesas Technology Corp HA1630S02LP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
HA1630S01/02/03 Series
Rev.1.00 Mar 10, 2006 page 3 of 23
Absolute Maximum Ratings
(Ta = 25°C)
Items
Symbol
Ratings
Unit
Note
Supply voltage
VDD
7
V
Differential input voltage
VIN(diff)
–VDD to +VDD
V
Input voltage
VIN
–0.3 to +VDD
V
1
Power dissipation
PT
200
mW
Operating temp. Range
Topr
–40 to +85
°C
Storage temp. Range
Tstg
–55 to +125
°C
Note:
1. Do not apply Input Voltage exceeding VDD or 7 V.
Electrical Characteristics
(VDD = 3.0 V, Ta = 25°C)
Items
Symbol
Min
Typ
Max
Unit
Test Condition
Input offset voltage
VIO
—
—
4.0
mV
Vin = 1.5 V
Input offset current
IIO
—
(1.0)
—
pA
Vin = 1.5 V
Input bias current
IIB
—
(1.0)
—
pA
Vin = 1.5 V
Output high voltage
VOH
2.9
—
—
V
RL = 1 M
Ω
6
12
—
VOH = 2.5 V (HA1630S01)
25
50
—
VOH = 2.5 V (HA1630S02)
Output source current
IO SOURCE
50
100
—
µA
VOH = 2.5 V (HA1630S03)
Output low voltage
VOL
—
—
0.1
V
RL = 1 M
Ω
—
(0.8)
—
VOL = 0.5 V (HA1630S01)
—
(1.0)
—
VOL = 0.5 V (HA1630S02)
Output sink current
IO SINK
—
(1.2)
—
mA
VOL = 0.5 V (HA1630S03)
Common mode input voltage
range
VCM
–0.1 to 2.1
—
—
V
—
(0.125)
—
CL = 20 pF (HA1630S01)
—
(0.50)
—
CL = 20 pF (HA1630S02)
Slew rate
SR
—
(1.00)
—
V/
µs
CL = 20 pF (HA1630S03)
Voltage gain
AV
60
100
—
dB
—
(200)
—
CL = 20 pF (HA1630S01)
—
(680)
—
CL = 20 pF (HA1630S02)
Gain bandwidth product
BW
—
(1200)
—
kHz
CL = 20 pF (HA1630S03)
Power supply rejection ratio
PSRR
60
80
—
dB
Common mode rejection ratio
CMRR
60
80
—
dB
—
15
30
RL =
∞ (HA1630S01)
—
50
100
RL =
∞ (HA1630S02)
Supply current
IDD
—
100
200
µA
RL =
∞ (HA1630S03)
Note:
1. ( ) : Design specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com