Electronic Components Datasheet Search
  English  ▼

X  

2SD1976 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SD1976
Description  Silicon NPN Triple Diffused
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1976 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SD1976 Datasheet HTML 1Page - Renesas Technology Corp 2SD1976 Datasheet HTML 2Page - Renesas Technology Corp 2SD1976 Datasheet HTML 3Page - Renesas Technology Corp 2SD1976 Datasheet HTML 4Page - Renesas Technology Corp 2SD1976 Datasheet HTML 5Page - Renesas Technology Corp 2SD1976 Datasheet HTML 6Page - Renesas Technology Corp 2SD1976 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SD1976
3
Maximum Collector Dissipation Curve
60
40
20
0
50
100
150
Case temperature TC (°C)
20
2
10
5
1.0
0.2
0.5
0.1
0.05
0.02
2
20
200
100
500
1
5
10
50
Collector to emitter voltage VCE (V)
iC(peak)
IC(max)
Ta = 25
°C
Area of Safe Operation
Typical Output Characteristics
5
4
3
2
1
01
2
Collector to emitter voltage VCE (V)
5
4
3
TC = 25°C
0.4
0.5
0.6
0.8
1
1.2
IB = 0.35
mA
10,000
3,000
1,000
300
30
100
1
0.1
0.3
1.0
3
Collector current IC (A)
10
DC Current Transfer Ratio
vs. Collector Current
25
°C
VCE = 2 V
Pulse Test
–25
°C
TC = 75°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com