Electronic Components Datasheet Search
  English  ▼

X  

2SD1976 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SD1976
Description  Silicon NPN Triple Diffused
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1976 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SD1976 Datasheet HTML 1Page - Renesas Technology Corp 2SD1976 Datasheet HTML 2Page - Renesas Technology Corp 2SD1976 Datasheet HTML 3Page - Renesas Technology Corp 2SD1976 Datasheet HTML 4Page - Renesas Technology Corp 2SD1976 Datasheet HTML 5Page - Renesas Technology Corp 2SD1976 Datasheet HTML 6Page - Renesas Technology Corp 2SD1976 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SD1976
4
Saturation Voltage vs.
Collector Current
25
°C
25
°C
75
°C
75
°C
–25
°C
–25
°C
10
3
1.0
0.3
0.1
0.1
0.3
Collector current IC (A)
3
1.0
100
30
10
VBE(sat)
VCE(sat)
IC = 100 IB
Transient Thermal Resistance
100
30
10
3
1.0
0.3
0.1
0.1
1.0
10
100 (s)
0.1
1.0
10
100 (ms)
Time t (s)
TC = 25°C
0.1 s to 100
s
1 ms
to
100
ms
IC = 0.1 mA
IE = 0
500
400
300
200
100
0
0
–20
20
Ambient temperature Ta (
°C)
40
80
60
Zener Voltage vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com