Electronic Components Datasheet Search
  English  ▼

X  

M35046-XXXFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M35046-XXXFP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35046-XXXFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M35046-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M35046-XXXFP Datasheet HTML 10Page - Renesas Technology Corp M35046-XXXFP Datasheet HTML 11Page - Renesas Technology Corp M35046-XXXFP Datasheet HTML 12Page - Renesas Technology Corp M35046-XXXFP Datasheet HTML 13Page - Renesas Technology Corp M35046-XXXFP Datasheet HTML 14Page - Renesas Technology Corp M35046-XXXFP Datasheet HTML 15Page - Renesas Technology Corp M35046-XXXFP Datasheet HTML 16Page - Renesas Technology Corp M35046-XXXFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
MITSUBISHI MICROCOMPUTERS
M35046-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
12
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
Sets the color of all blankings.
Sets the blanking color of the Border
size, or the shadow size.
Set this register to the character font
set by display RAM BR, BG and BB.
Character size setting in the horizontal
direction for the first line.
Character size setting in the horizontal
direction for the 2nd line to 12th line.
(8) Address 12716
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
RR
RG
RB
FR
FG
FB
TEST6
TEST7
TEST8
BETA14
HSZ10
HSZ11
HSZ20
HSZ21
TEST12
Register
DA
Status
Contents
Function
Remarks
T: Display frequency cycle
HSZ11
0
0
1
1
HSZ10
0
1
0
1
Horizontal direction size
1T/dot
2T/dot
3T/dot
4T/dot
T: Display frequency cycle
It should be fixed to “0”.
Test mode
VSZ21
0
0
1
1
HSZ20
0
1
0
1
Horizontal direction size
1T/dot
2T/dot
3T/dot
4T/dot
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
Matrix-outline display (12
× 18 dot)
Matrix-outline display (14
× 18 dot)
RB
0
0
0
0
1
1
1
1
RG
0
0
1
1
0
0
1
1
RR
0
1
0
1
0
1
0
1
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
BB
0
0
0
0
1
1
1
1
BG
0
0
1
1
0
0
1
1
BR
0
1
0
1
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com