Electronic Components Datasheet Search
  English  ▼

X  

M35046-XXXFP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M35046-XXXFP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35046-XXXFP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M35046-XXXFP Datasheet HTML 17Page - Renesas Technology Corp M35046-XXXFP Datasheet HTML 18Page - Renesas Technology Corp M35046-XXXFP Datasheet HTML 19Page - Renesas Technology Corp M35046-XXXFP Datasheet HTML 20Page - Renesas Technology Corp M35046-XXXFP Datasheet HTML 21Page - Renesas Technology Corp M35046-XXXFP Datasheet HTML 22Page - Renesas Technology Corp M35046-XXXFP Datasheet HTML 23Page - Renesas Technology Corp M35046-XXXFP Datasheet HTML 24Page - Renesas Technology Corp M35046-XXXFP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
MITSUBISHI MICROCOMPUTERS
M35046-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
20
DAF DAE DAD DAC DAB DAA DA9 DA8 DA7 DA6 DA5 DA4 DA3 DA2 DA1 DA0
000
000
0100
100
000
011
DIVS1 DIVS0 DIV10 DIV9 DIV8 DIV7 DIV6 DIV5 DIV4 DIV3 DIV2 DIV1 DIV0
0
RSEL0 PTD7 PTD6
1
PTD4
1
PTD2
11
101
011
0
RSEL1
0
0
0
0
HP9 HP8 HP7 HP6 HP5 HP4 HP3 HP2 HP1 HP0
0
1
0
0
0
0
VP9 VP8 VP7 VP6 VP5 VP4 VP3 VP2 VP1 VP0
010
000
0000
000
000
000
000
0000
000
000
000
000
0000
000
000
000
000
0000
000
000
000
000
0101
1
POLH POLV
000
0BB
BG
BR BLINK
BG
R
C7
C6
C5
C4
C3
C2
C1
C0
0BB
BG
BR BLINK
BG
R
C7
C6
C5
C4
C3
C2
C1
C0
000
000
0100
101
000
000
001
0001
1
POLH POLV
000
Hold the time length as 1V of vertical synchronous signal
200 msec hold
1
2
3
4
5
6
7
8
9
10
11
12
297
298
299
300
address 12016
data
12016
data
12116
data
12216
data
12316
data
12416
data
12516
data
12616
data
12716
data
12816
data
00016
data
11F16
address 12816
data
12816
Character code
Addition
System set-up
Address set
Set frequency value of horizontal
synchronous frequency(Note 1)
Output setting
Oscillation circuit setting
Character setting
Notes 1 : From this time, input clock to TCK pin. And, input the horizontal synchronous signal to the HOR pin and the vertical synchronous
signal to the VERT pin. If serrated pulses are present in the vertical synchronous signal, set the register VMASK to 1.
2 : Matrix-outline display in this data.
(2) At EXCK0 = “1”, EXCK1 = “1” setting
Fig. 6
Example of data setting by the serial input function (2)
Character
background
color
Character
color
Horizontal display
location setting
Oscillation circuit setting
Vertical display
location setting
Display form setting
Character size setting
Character size setting
Color,
character size setting
Display OFF,
display form (Note 2)
BLINK
-ING
Address setting
Display ON, display
form (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com