Electronic Components Datasheet Search
  English  ▼

X  

HD26C32AP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD26C32AP
Description  Quadruple Differential Line Drivers With 3 State Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26C32AP Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD26C32AP Datasheet HTML 1Page - Renesas Technology Corp HD26C32AP Datasheet HTML 2Page - Renesas Technology Corp HD26C32AP Datasheet HTML 3Page - Renesas Technology Corp HD26C32AP Datasheet HTML 4Page - Renesas Technology Corp HD26C32AP Datasheet HTML 5Page - Renesas Technology Corp HD26C32AP Datasheet HTML 6Page - Renesas Technology Corp HD26C32AP Datasheet HTML 7Page - Renesas Technology Corp HD26C32AP Datasheet HTML 8Page - Renesas Technology Corp HD26C32AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev.2.00, Jul.16.2004, page 1 of 12
HD26C32A
Quadruple Differential Line Drivers With 3 State Outputs
REJ03D0293–0200Z
(Previous ADE-205-575 (Z))
Rev.2.00
Jul.16.2004
Description
The HD26C32A provides differential line receivers which realize low power dissipation by CMOS process. The device
has four receivers which meet the requirements of EIA standard RS-422A and RS-423A in a 16 pin package.
The enable function is common to all four receivers and offers a choise of active high or active low inputs. Fail safe
design ensures that if the inputs are open the outputs will always be high.
Features
• Low power dissipation with CMOS process
• Meets EIA standard RS-422A/423A
• Input sensitivity: ±0.2V (In the range of ±7 V of common mode input voltage)
• Propagation delay time: 19 ns typ
• Input hysteresis width: 60 mV typ
• Three state outputs
• Differential Inputs are includes fail safe circuit
• Power up and power down protection
• Pin to pin compatible with HD26LS32/32A
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD26C32AP
DILP-16 pin (JEITA) DP-16E, -16FV
P
—
HD26C32AFPEL
SOP-16 pin (JEITA) FP-16DAV
FP
EL (2,000 pcs/reel)
Note: Please consults the sales office for the above package availability.


Similar Part No. - HD26C32AP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD26C32A HITACHI-HD26C32A Datasheet
97Kb / 14P
Quadruple Differential Line Receivers With 3 State Outputs
More results

Similar Description - HD26C32AP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD26C31 HITACHI-HD26C31 Datasheet
87Kb / 15P
Quadruple Differential Line Drivers With 3 State Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
Quadruple Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
HD26LS32A HITACHI-HD26LS32A Datasheet
42Kb / 5P
Quadruple Differential Line Receivers With 3 State Outputs
logo
Renesas Technology Corp
HD26LS32A RENESAS-HD26LS32A Datasheet
134Kb / 8P
Quadruple Differential Line Receivers With 3 State Outputs
logo
Hitachi Semiconductor
HD26LS32 HITACHI-HD26LS32 Datasheet
88Kb / 15P
Quadruple Differential Line Receivers With 3 State Outputs
HD26LS31 HITACHI-HD26LS31 Datasheet
81Kb / 15P
Quadruple Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD26C31 RENESAS-HD26C31 Datasheet
160Kb / 12P
Quadruple Differential Line Drivers With 3 State Outputs
HD26LS31 RENESAS-HD26LS31 Datasheet
169Kb / 12P
Quadruple Differential Line Drivers With 3 State Outputs
HD26LS32 RENESAS-HD26LS32 Datasheet
202Kb / 15P
Quadruple Differential Line Receivers With 3 State Outputs
logo
Hitachi Semiconductor
26C31-SMD HITACHI-26C31-SMD Datasheet
119Kb / 15P
Quadruple Differential Line Drivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com