Electronic Components Datasheet Search
  English  ▼

X  

HD26C32AP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD26C32AP
Description  Quadruple Differential Line Drivers With 3 State Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26C32AP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD26C32AP Datasheet HTML 1Page - Renesas Technology Corp HD26C32AP Datasheet HTML 2Page - Renesas Technology Corp HD26C32AP Datasheet HTML 3Page - Renesas Technology Corp HD26C32AP Datasheet HTML 4Page - Renesas Technology Corp HD26C32AP Datasheet HTML 5Page - Renesas Technology Corp HD26C32AP Datasheet HTML 6Page - Renesas Technology Corp HD26C32AP Datasheet HTML 7Page - Renesas Technology Corp HD26C32AP Datasheet HTML 8Page - Renesas Technology Corp HD26C32AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
HD26C32A
Rev.2.00, Jul.16.2004, page 3 of 12
Recommended Operating Conditions
(Ta = –40°C to +85°C)
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
V
CC
4.5
5.0
5.5
V
Common Mode Input Voltage
V
CM
——
±7
V
Differential Input Voltage
V
DIFF
——
±7
V
Output Current
I
O
——
±6
mA
Operating Temperature
Topr
–40
—
85
°C
Enable Input Rise / Fall Time
t
r, tf
—
—
500
ns
Note:
1. This item guarantees maximum limit when one input switchies.
Waveform: Refer to test circuit of switching characteristics.
Logic Diagram
IN A2
Enable G
Enable G
OUT A
OUT B
OUT C
OUT D
IN A1
IN B2
IN B1
IN C2
IN C1
IN D2
IN D1
+
–
+
–
+
–
+
–
Electrical Characteristics
(Ta = –40°C to +85°C, V
CC = 5 V ± 10%)
Item
Symbol
Min
Typ
Max
Unit
Conditions
Diffrential Input
V
TH
——
0.2
V
V
CM = –7 to 7 V, VOUT≥ 3.8 V
Threshold Voltage
V
TL
—
—
–0.2
V
V
CM = –7 to 7 V, VOUT≤ 0.3 V
Input Hysteresis
V
HYST
—60
—
mV
V
CM = 0 V
Enable Input
V
IH
2.0
——V
Voltage
V
IL
——
0.8
V
Output Voltage
V
OH
3.8
4.2
—
V
V
CC = 4.5 V, VDIEF = 1 V, IOUT = –6.0 mA
V
OL
—0.2
0.3
V
V
CC = 5.5 V, VDIEF = –1 V, IOUT = 6.0 mA
Output Leak
I
OZ
—
0.5
5.0
µA
Enable = 0.8 V,
Enable = 2.0 V V
OUT = VCC
CurrentI
—
–0.5
–5.0
µA
Enable = 0.8 V,
Enable = 2.0 V V
OUT = GND
Input Current
I
IN
—1.1
1.5
mA
V
IN = 10 V, Other Input = GND
–0.1*1 —0.6
mA
V
IN = 3 V, Other Input = GND
0
—
–1.1
mA
V
IN = –3 V, Other Input = GND
—
–2.0
-2.5
mA
V
IN = –10 V, Other Input = GND
Enable Input
I
I
——
1.0
µA
V
I = VCC
Current
—
—
–1.0
µA
V
I = GND
Input Resistance
R
IN
5.8
6.8
10
k
Ω
V
CM = –7 to 7 V (One Input AC GND)
Supply Current
I
CC
16
23
mA
V
CC = 5.5 V, VDIEF = 1 V
Note:
1. This specification is nonstandard of RS-422A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com