Electronic Components Datasheet Search
  English  ▼

X  

HVC308A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HVC308A
Description  Variable Capacitance Diode for TV tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC308A Datasheet(HTML) 1 Page - Renesas Technology Corp

  HVC308A Datasheet HTML 1Page - Renesas Technology Corp HVC308A Datasheet HTML 2Page - Renesas Technology Corp HVC308A Datasheet HTML 3Page - Renesas Technology Corp HVC308A Datasheet HTML 4Page - Renesas Technology Corp HVC308A Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.2.00, Sep.23.2003, page 1 of 4
HVC308A
Variable Capacitance Diode for TV tuner
REJ03G0099-0200Z
(Previous: ADE-208-411A)
Rev.2.00
Sep.23.2003
Features
• Low series resistance. (rs = 0.95 Ω max)
• Ultra small Flat Package (UFP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HVC308A
V
UFP
Pin Arrangement
12
Cathode mark
Mark
1. Cathode
2. Anode


Similar Part No. - HVC308A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC308A HITACHI-HVC308A Datasheet
24Kb / 5P
Variable Capacitance Diode for TV tuner
logo
Leshan Radio Company
HVC308A LRC-HVC308A Datasheet
43Kb / 2P
Variable Capacitance Diode for TV Tuner
More results

Similar Description - HVC308A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC308A HITACHI-HVC308A Datasheet
24Kb / 5P
Variable Capacitance Diode for TV tuner
HVC363B HITACHI-HVC363B Datasheet
30Kb / 5P
Variable Capacitance Diode for TV tuner
HVU308A HITACHI-HVU308A Datasheet
26Kb / 5P
Variable Capacitance Diode for TV tuner
HVU363A HITACHI-HVU363A Datasheet
33Kb / 5P
Variable Capacitance Diode for TV tuner
HVU363B HITACHI-HVU363B Datasheet
23Kb / 5P
Variable Capacitance Diode for TV tuner
logo
Leshan Radio Company
HVC308A LRC-HVC308A Datasheet
43Kb / 2P
Variable Capacitance Diode for TV Tuner
HVC363A LRC-HVC363A Datasheet
29Kb / 2P
Variable Capacitance Diode for TV Tuner
logo
Renesas Technology Corp
HVC363A RENESAS-HVC363A Datasheet
250Kb / 5P
Variable Capacitance Diode for TV tuner
HVU363B RENESAS-HVU363B Datasheet
63Kb / 5P
Variable Capacitance Diode for TV tuner
HVU363A RENESAS-HVU363A Datasheet
252Kb / 5P
Variable Capacitance Diode for TV tuner
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com