Electronic Components Datasheet Search
  English  ▼

X  

HVC308A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVC308A
Description  Variable Capacitance Diode for TV tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC308A Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVC308A Datasheet HTML 1Page - Renesas Technology Corp HVC308A Datasheet HTML 2Page - Renesas Technology Corp HVC308A Datasheet HTML 3Page - Renesas Technology Corp HVC308A Datasheet HTML 4Page - Renesas Technology Corp HVC308A Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVC308A
Rev.2.00, Sep.23.2003, page 2 of 4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
35
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
I
R1
——
10
V
R = 30 V
Reverse current
I
R2
—
—
100
nA
V
R = 30 V, Ta = 60°C
C
2
13.7
—
15.9
V
R = 2 V, f = 1 MHz
Capacitance
C
20
1.65
—
2.06
pF
V
R = 20 V, f = 1 MHz
Capacitance ratio
n
7.12
—
—
—
C
2/C20
Series resistance
r
s
—
—
0.95
Ω
V
R = 5 V, f = 470 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com