Electronic Components Datasheet Search
  English  ▼

X  

HD74HC93 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74HC93
Description  4-bit Binary Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC93 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74HC93 Datasheet HTML 1Page - Renesas Technology Corp HD74HC93 Datasheet HTML 2Page - Renesas Technology Corp HD74HC93 Datasheet HTML 3Page - Renesas Technology Corp HD74HC93 Datasheet HTML 4Page - Renesas Technology Corp HD74HC93 Datasheet HTML 5Page - Renesas Technology Corp HD74HC93 Datasheet HTML 6Page - Renesas Technology Corp HD74HC93 Datasheet HTML 7Page - Renesas Technology Corp HD74HC93 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74HC93
Rev.2.00, Oct 06, 2005 page 5 of 7
Test Circuit
VCC
Zout = 50
Ω
VCC
CL = 50 pF
QC
R0(2)
A
R0(1)
B
QA
QB
QD
CL = 50 pF
CL = 50 pF
CL = 50 pF
Note: CL includes the probe and jig capacitance.
Pulse generator
Input
Output
Output
Output
Output
Waveforms
Count
Down
QA
VCC
VOL
VOH
0 V
10%
tf
90%
tr
50%
• Waveform – 1
QC
VOL
VOH
QD
VOL
VOH
50%
50%
50%
50%
50%
50%
(Measure at tn+2)
tPHL
50%
(Measure at tn+1)
tPLH
(Measure at tn+4)
tPHL
(Measure at tn+8)
tPHL
(Measure at tn+16)
tPHL
(Measure at tn+8)
tPLH
(Measure at tn+2)
tPLH
(Measure at tn+4)
tPLH
50%
50%
QB
VOL
VOH
10%
tTHL
tTLH
tTHL
tTLH
tTHL
tTLH
tTHL
tTLH
10%
90%
10%
90%
10%
90%
10%
90%
10%
90%
10%
90%
10%
90%
10%
90%
1. Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω, tr ≤ 6 ns, tf ≤ 6 ns
2. tn is reference bit time when all outputs are low.
Notes:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com