Electronic Components Datasheet Search
  English  ▼

X  

HD74HC93 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC93
Description  4-bit Binary Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC93 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC93 Datasheet HTML 1Page - Renesas Technology Corp HD74HC93 Datasheet HTML 2Page - Renesas Technology Corp HD74HC93 Datasheet HTML 3Page - Renesas Technology Corp HD74HC93 Datasheet HTML 4Page - Renesas Technology Corp HD74HC93 Datasheet HTML 5Page - Renesas Technology Corp HD74HC93 Datasheet HTML 6Page - Renesas Technology Corp HD74HC93 Datasheet HTML 7Page - Renesas Technology Corp HD74HC93 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00, Oct 06, 2005 page 1 of 7
HD74HC93
4-bit Binary Counter
REJ03D0557-0200
(Previous ADE-205-430)
Rev.2.00
Oct 06, 2005
Description
The HD74HC93 is a 4-bit ripple type counter consisting of four master/slave flip-flops that are internally connected to
provide separate divide-by-two and divide-by-eight sections. Each section has a separate clock input which initiates
state changes of the counter on the high-to-low clock transition. State changes of the Q outputs do not occur
simultaneously because of internal ripple delays. Therefore, decoded output signals are subject to decoding spikes and
should not be used as clocks or as strobes except when gated with the clock of the HD74HC93. QA is the output of the
divide-by-two section; QB, QC, and QD are the binary outputs of the divide-by-eight section.
A gated AND asynchronous reset is provided which resets all the flip-flops.
Because the output from the divide-by-two section is not internally connected to the succeeding stages, the devices may
be operated in various counting modes:
1. A 4-bit ripple counter – The QA output must be externally connected to the clock B input. The input count pulses
are applied to the clock A input. Simultaneous divisions of 2, 4, 8 and 16 are performed at the QA, QB, QC and QD
outputs.
2. A 3-bit ripple counter – The input count pulses are applied to the clock B input. Simultaneous frequency divisions
of 2, 4 and 8 are available at the QB, QC and QD outputs. Independent use of the first flip-flop is available if the reset
function coincides with reset of the 3-bit ripple-through counter.
Features
• High Speed Operation: t
pd (A to QA) = 13 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC93P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74HC93FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74HC93RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Reset/Count Function Table
Reset Inputs
Outputs
R0(1)
R0(2)
QD
QC
QB
QA
H
H
L
L
L
L
L
X
Count
X
L
Count


Similar Part No. - HD74HC93

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC93 HITACHI-HD74HC93 Datasheet
55Kb / 11P
4-bit Binary Counter
More results

Similar Description - HD74HC93

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016 Datasheet
140Kb / 4P
4-Bit Binary Counter
REV 6
logo
NXP Semiconductors
74ALS161B PHILIPS-74ALS161B Datasheet
168Kb / 14P
4-bit binary counter
1991 Feb 08
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
4-bit binary counter
1996 Jan 29
logo
Texas Instruments
CY5474FCT163T TI-CY5474FCT163T Datasheet
68Kb / 7P
4-Bit Binary Counter
logo
Hitachi Semiconductor
HD74HC93 HITACHI-HD74HC93 Datasheet
55Kb / 11P
4-bit Binary Counter
logo
Renesas Technology Corp
HD74LS293 RENESAS-HD74LS293 Datasheet
176Kb / 8P
4-bit Binary Counter
HD74LS93 RENESAS-HD74LS93 Datasheet
174Kb / 9P
4-bit Binary Counter
logo
ON Semiconductor
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
SN74LS290 ONSEMI-SN74LS290 Datasheet
168Kb / 7P
4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
logo
Texas Instruments
MM54C90 TI1-MM54C90 Datasheet
374Kb / 8P
4-Bit Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com