Electronic Components Datasheet Search
  English  ▼

X  

HD74AC74P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74AC74P
Description  Dual D-Type Positive Edge-Triggered Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC74P Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74AC74P Datasheet HTML 1Page - Renesas Technology Corp HD74AC74P Datasheet HTML 2Page - Renesas Technology Corp HD74AC74P Datasheet HTML 3Page - Renesas Technology Corp HD74AC74P Datasheet HTML 4Page - Renesas Technology Corp HD74AC74P Datasheet HTML 5Page - Renesas Technology Corp HD74AC74P Datasheet HTML 6Page - Renesas Technology Corp HD74AC74P Datasheet HTML 7Page - Renesas Technology Corp HD74AC74P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74AC74
Rev.2.00, Jul.16.2004, page 4 of 7
AC Characteristics
Ta = +25°C
C
L = 50 pF
Ta = –40°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Maximum clock
f
max
3.3
100
125
—
95
—
MHz
frequency
5.0
140
160
—
125
—
Propagation delay
t
PLH
3.3
1.0
8.0
12.0
1.0
13.0
ns
C
Dn or SDn to Qn or Qn
5.0
1.0
6.0
9.0
1.0
10.0
Propagation delay
t
PHL
3.3
1.0
10.5
12.0
1.0
13.5
ns
C
Dn or SDn to Qn or Qn
5.0
1.0
8.0
9.5
1.0
10.5
Propagation delay
t
PLH
3.3
1.0
8.0
13.5
1.0
16.0
ns
CP
n to Qn or Qn
5.0
1.0
6.0
10.0
1.0
10.5
Propagation delay
t
PHL
3.3
1.0
8.0
14.0
1.0
14.5
ns
CP
n to Qn or Qn
5.0
1.0
6.0
10.0
1.0
10.5
Note:
1. Voltage Range 3.3 is 3.3 V ± 0.3 V
Voltage Range 5.0 is 5.0 V ± 0.5 V
AC Operating Requirements
Ta = +25°C
C
L = 50 pF
Ta = –40°C
to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Typ
Guaranteed Minimum
Unit
Set-up time, HIGH or LOW
t
su
3.3
1.5
4.0
4.5
ns
D
n to CPn
5.0
1.0
3.0
3.0
Hold time, HIGH or LOW
t
h
3.3
–2.0
0
0
ns
D
n to CPn
5.0
–1.5
0
0
CP
n or CDn or SDn
t
w
3.3
3.0
5.5
7.0
ns
Pulse width
5.0
2.5
4.5
5.0
Recovery time
t
rec
3.3
–2.5
0
0
ns
C
Dn or SDn to CP
5.0
–2.0
0
0
Note:
1. Voltage Range 3.3 is 3.3 V ± 0.3 V
Voltage Range 5.0 is 5.0 V ± 0.5 V
Capacitance
Item
Symbol
Typ
Unit
Condition
Input capacitance
C
IN
4.5
pF
V
CC = 5.5 V
Power dissipation capacitance
C
PD
35.0
pF
V
CC = 5.0 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com