Electronic Components Datasheet Search
  English  ▼

X  

HD74AC74P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74AC74P
Description  Dual D-Type Positive Edge-Triggered Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC74P Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74AC74P Datasheet HTML 1Page - Renesas Technology Corp HD74AC74P Datasheet HTML 2Page - Renesas Technology Corp HD74AC74P Datasheet HTML 3Page - Renesas Technology Corp HD74AC74P Datasheet HTML 4Page - Renesas Technology Corp HD74AC74P Datasheet HTML 5Page - Renesas Technology Corp HD74AC74P Datasheet HTML 6Page - Renesas Technology Corp HD74AC74P Datasheet HTML 7Page - Renesas Technology Corp HD74AC74P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00, Jul.16.2004, page 1 of 7
HD74AC74
Dual D-Type Positive Edge-Triggered Flip-Flop
REJ03D0277–0200Z
(Previous ADE-205-361 (Z))
Rev.2.00
Jul.16.2004
Description
The HD74AC74 is a dual D-type flip-flop with Asynchronous Clear and Set inputs and complementary (Q,
Q) outputs.
Information at the input is transferred to the outputs on the positive edge of the clock pulse. Clock triggering occurs at a
voltage level of the clock pulse and is not directly related to the transition time of the positive-going pulse. After the
Clock Pulse input threshold voltage has been passed, the Data input is locked out and information present will not be
transferred to the outputs until the next rising edge of the Clock Pulse input.
Features
Asynchronous Inputs:
Low input to
S
D (Set) sets Q to High level
Low input to
C
D (Clear) sets Q to Low level
Clear and Set are independent of clock
Simultaneous Low on
C
D and SD makes both Q and Q High
• Outputs Source/Sink 24 mA
• Ordering Information
Part Name
Package Type
Package Code Package Abbreviation Taping Abbreviation (Quantity)
HD74AC74P
DIP-14 pin
DP-14, -14AV
P
—
HD74AC74FPEL
SOP-14 pin (JEITA)
FP-14DAV
FP
EL (2,000 pcs/reel)
HD74AC74RPEL
SOP-14 pin (JEDEC)
FP-14DNV
RP
EL (2,500 pcs/reel)
HD74AC74TELL
TSSOP-14 pin
TTP-14DV
T
ELL (2,000 pcs/reel)
Notes: 1. Please consult the sales office for the above package availability.
2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of
the package code.
Pin Arrangement
1
2
3
4
5
6
7
CD1
D1
CP1
SD1
Q1
Q1
GND
VCC
CD2
D2
CP2
SD2
Q2
Q2
14
13
12
11
10
9
8
CP1
CP2
SD1
CD2 SD2
CD1
D1
D2
Q1
Q2
(Top view)
Q2
Q1


Similar Part No. - HD74AC74P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC74 HITACHI-HD74AC74 Datasheet
61Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
More results

Similar Description - HD74AC74P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI-SN74AUC2G80 Datasheet
250Kb / 11P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com