Electronic Components Datasheet Search
  English  ▼

X  

HD74ACT126 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74ACT126
Description  Quad Buffer/Line Driver with 3-State Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ACT126 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74ACT126 Datasheet HTML 1Page - Renesas Technology Corp HD74ACT126 Datasheet HTML 2Page - Renesas Technology Corp HD74ACT126 Datasheet HTML 3Page - Renesas Technology Corp HD74ACT126 Datasheet HTML 4Page - Renesas Technology Corp HD74ACT126 Datasheet HTML 5Page - Renesas Technology Corp HD74ACT126 Datasheet HTML 6Page - Renesas Technology Corp HD74ACT126 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HD74AC126/HD74ACT126
Rev.3.00, Nov.12.2004, page 5 of 6
AC Characteristics: HD74ACT126
Ta = +25°C
CL = 50 pF
Ta = –40°C to +85°C
CL = 50 pF
Item
Symbol
VCC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation Delay
tPLH
5.0
1.0
6.5
9.0
1.0
10.0
ns
Propagation Delay
tPHL
5.0
1.0
7.0
9.0
1.0
10.0
Enable Time
tZH
5.0
1.0
6.0
9.0
1.0
10.0
Enable Time
tZL
5.0
1.0
7.0
10.0
1.0
11.0
Disable Time
tHZ
5.0
1.0
8.0
10.5
1.0
11.5
Disable Time
tLZ
5.0
1.0
7.0
10.5
1.0
11.5
Note:
1. Voltage Range 5.0 is 5.0 V ± 0.5 V
Capacitance
Item
Symbol
Typ
Unit
Condition
Input capacitance
CIN
4.5
pF
VCC = 5.5 V
Power dissipation capacitance
CPD
45.0
pF
VCC = 5.0 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com