Electronic Components Datasheet Search
  English  ▼

X  

HD74ACT126 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74ACT126
Description  Quad Buffer/Line Driver with 3-State Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ACT126 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74ACT126 Datasheet HTML 1Page - Renesas Technology Corp HD74ACT126 Datasheet HTML 2Page - Renesas Technology Corp HD74ACT126 Datasheet HTML 3Page - Renesas Technology Corp HD74ACT126 Datasheet HTML 4Page - Renesas Technology Corp HD74ACT126 Datasheet HTML 5Page - Renesas Technology Corp HD74ACT126 Datasheet HTML 6Page - Renesas Technology Corp HD74ACT126 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.3.00, Nov.12.2004, page 1 of 6
HD74AC126/HD74ACT126
Quad Buffer/Line Driver with 3-State Output
REJ03D0247–0300
Rev.3.00
Nov.12.2004
Description
The HD74AC126/HD74ACT126 is an quad buffer and line driver designed to be employed as a memory address driver,
clock driver and bus oriented transmitter/receiver which provides improved PC board density.
Features
• 3-State Outputs Drive Bus Lines or Buffer Memory Address Registers
• Outputs Source/Sink 24 mA
• HD74ACT126 has TTL-Compatible Inputs
• Ordering Information: Ex. HD74AC126
Part Name
Package Type
Package Code Package Abbreviation Taping Abbreviation (Quantity)
HD74AC126FPEL
SOP-14 pin (JEITA)
FP-14DAV
FP
EL (2,000 pcs/reel)
HD74AC126RPEL
SOP-14 pin (JEDEC) FP-14DNV
RP
EL (2,500 pcs/reel)
Notes: 1. Please consult the sales office for the above package availability.
2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of
the package code.
Pin Arrangement
(Top view)
E
D
O
E
D
O
GND
VCC
E
D
O
E
D
O
1
2
3
4
5
6
7
14
13
12
11
10
9
8


Similar Part No. - HD74ACT126

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ACT126 HITACHI-HD74ACT126 Datasheet
47Kb / 8P
Quad Buffer/Line Driver with 3-State Output
More results

Similar Description - HD74ACT126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
Quad buffer/line driver 3-State
1998 Apr 28
logo
Hitachi Semiconductor
HD74AC125 HITACHI-HD74AC125 Datasheet
51Kb / 8P
Quad Buffer/Line Driver with 3-State Output
HD74AC126 HITACHI-HD74AC126 Datasheet
47Kb / 8P
Quad Buffer/Line Driver with 3-State Output
logo
Renesas Technology Corp
HD74AC125 RENESAS-HD74AC125 Datasheet
132Kb / 9P
Quad Buffer/Line Driver with 3-State Output
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
Quad buffer/line driver; 3-state
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
Quad buffer/line driver 3-state
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com